Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 16Page - National Semiconductor (TI) LMV921 Datasheet HTML 17Page - National Semiconductor (TI) LMV921 Datasheet HTML 18Page - National Semiconductor (TI) LMV921 Datasheet HTML 19Page - National Semiconductor (TI) LMV921 Datasheet HTML 20Page - National Semiconductor (TI) LMV921 Datasheet HTML 21Page - National Semiconductor (TI) LMV921 Datasheet HTML 22Page - National Semiconductor (TI) LMV921 Datasheet HTML 23Page - National Semiconductor (TI) LMV921 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
2-14
2.0 DEVICE INFORMATION
Application Note (Continued)
This V
OS crossover point can create problems for both DC
and AC coupled signals if proper care is not taken. For large
input signals that include the V
OS crossover point in their dy-
namic range, this will cause distortion in the output signal.
One way to avoid such distortion is to keep the signal away
from the crossover. For example, in a unity gain buffer con-
figuration and with V
S = 5V, a 5V peak-to-peak signal will
contain input-crossover distortion while a 3V peak-to-peak
signal centered at 1.5V will not contain input-crossover dis-
tortion as it avoids the crossover point. Another way to avoid
large signal distortion is to use a gain of −1 circuit which
avoids any voltage excursions at the input terminals of the
amplifier. In that circuit, the common mode DC voltage can
be set at a level away from the V
OS cross-over point.
For small signals, this transition in V
OS shows up as a VCM
dependent spurious signal in series with the input signal and
can effectively degrade small signal parameters such as
gain and common mode rejection ratio. To resolve this prob-
lem, the small signal should be placed such that it avoids the
V
OS crossover point.
In addition to the rail-to-rail performance, the output stage
can provide enough output current to drive 600
Ω loads. Be-
cause of the high current capability, care should be taken not
to exceed the 150˚C maximum junction temperature specifi-
cation.
5.0 Power-Supply Considerations
The
LMV921
is
ideally
suited
for
use
with
most
battery-powered systems. The LMV921 operates from a
single +1.8V to +5.0V supply and consumes about 145µA of
supply current. A high powersupply rejection ratio of 78dB al-
lows the amplifier to be powered directly off a decaying bat-
tery voltage extending battery life.
Table 1 lists a variety of typical battery types. Batteries have
different voltage ratings; operating voltage is the battery volt-
age under nominal load. End-of-Life voltage is defined as the
voltage at which 100% of the usable power of the battery is
consumed.
Table 1 also shows the typical operating time of
the LMV921.
6.0 Distortion
The two main contributors of distortion in LMV921 are:
1. Output crossover distortion occurs as the output transi-
tions from sourcing current to sinking current.
2. Input crossover distortion occurs as the input switches
from NPN to PNP transistor at the input stage.
To decrease crossover distortion:
1. Increase the load resistance. This lowers the output cross-
over distortion but has no effect on the input crossover dis-
tortion.
2. Operate from a single supply with the output always
sourcing current.
3. Limit the input voltage swing for large signals between
ground and one volt below the positive supply.
4. Operate in inverting configuration to eliminate common
mode induced distortion.
5. Avoid small input signal around the input crossover region.
The discontinuity in the offset voltage will effect the gain,
CMRR and PSRR.
TABLE 1. LMV921 Characteristics with Typical Battery Systems.
Battery Type
Operating
Voltage (V)
End-of-Life
Voltage (V)
Capacity AA
Size (mA -
h)
LMV921
Operating
time (Hours)
Alkaline
1.5
0.9
1000
6802
Lithium
2.7
2.0
1000
6802
Ni - Cad
1.2
0.9
375
2551
NMH
1.2
1.0
500
3401
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com