Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 28Page - National Semiconductor (TI) LMV921 Datasheet HTML 29Page - National Semiconductor (TI) LMV921 Datasheet HTML 30Page - National Semiconductor (TI) LMV921 Datasheet HTML 31Page - National Semiconductor (TI) LMV921 Datasheet HTML 32Page - National Semiconductor (TI) LMV921 Datasheet HTML 33Page - National Semiconductor (TI) LMV921 Datasheet HTML 34Page - National Semiconductor (TI) LMV921 Datasheet HTML 35Page - National Semiconductor (TI) LMV921 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
3-3
LMV921 Qualification Package
3.0 PROCESS INFORMATION
3.3 Masking Sequence
Layer Title
Mask
0.6A
N-Iso
0.8A
N+ Buried Layer
0.9A
P+ Buried Layer
1.0A
N-Well
2.0A
Composite
3.0A
P-Field
3.5A
Cap Implant
4.0A
Poly
4.3A
P-LDD
4.5A
N-LDD
5.0A
N+
5.5A
BASE
6.0A
P+
7.1A
Contact
8.0C
Metal 1
9.0C
Via
10.0B
Metal 2
13.0A
Passivation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com