Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4550 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4550 Datasheet HTML 8Page - National Semiconductor (TI) LM4550 Datasheet HTML 9Page - National Semiconductor (TI) LM4550 Datasheet HTML 10Page - National Semiconductor (TI) LM4550 Datasheet HTML 11Page - National Semiconductor (TI) LM4550 Datasheet HTML 12Page - National Semiconductor (TI) LM4550 Datasheet HTML 13Page - National Semiconductor (TI) LM4550 Datasheet HTML 14Page - National Semiconductor (TI) LM4550 Datasheet HTML 15Page - National Semiconductor (TI) LM4550 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Pin Descriptions (Continued)
POWER SUPPLIES AND REFERENCES (Continued)
Name
Pin
I / O
Functional Description
AFILT2
30
O
This pin is not used and should be left open (NC). However, a capacitor to ground on this pin
is permitted - it will not affect performance.
3DP, 3DN
33,34
O
These pins are used to complete the National 3D Sound circuit. Connect a 0.022µF capacitor
between pins 3DP and 3DN. The National 3D Sound can be turned on and off via bit D13 in
control register 20h. This is a fixed-depth type stereo enhance circuit, thus writing to register
22h has no effect. If National 3D Sound is not needed, then these pins should be left as no
connect (NC).
Typical Performance Characteristics
ADC Noise Floor
DAC Noise Floor
10097215
10097216
Analog Loopthru
Noise Floor
ADC Frequency
Response
10097218
10097219
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com