Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4550 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4550 Datasheet HTML 14Page - National Semiconductor (TI) LM4550 Datasheet HTML 15Page - National Semiconductor (TI) LM4550 Datasheet HTML 16Page - National Semiconductor (TI) LM4550 Datasheet HTML 17Page - National Semiconductor (TI) LM4550 Datasheet HTML 18Page - National Semiconductor (TI) LM4550 Datasheet HTML 19Page - National Semiconductor (TI) LM4550 Datasheet HTML 20Page - National Semiconductor (TI) LM4550 Datasheet HTML 21Page - National Semiconductor (TI) LM4550 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Application Information (Continued)
AC Link Input Frame: SDATA_IN (input to controller,
output from LM4550)
The audio input frame (input to the AC ’97 Digital Controller)
contains status and PCM data from the LM4550 control
registers and stereo ADC. The Tag slot, slot 0, contains 16
bits that tell the AC ’97 Digital Controller whether the LM4550
is ready and the validity of data from certain device subsec-
tions.
A new audio input frame is signaled with a low to high
transition of SYNC. SYNC is synchronous to the rising edge
of BIT_CLK. On the next rising edge of BIT_CLK, the
LM4550 drives SDATA_IN with the first bit of slot 0. The
Digital Controller samples SDATA_IN on the falling edge of
BIT_CLK.
The
LM4550
will
continue
outputting
the
SDATA_IN stream on each successive rising edge of BIT-
_CLK. The LM4550 outputs data MSB first, in a MSB justi-
fied format. All reserved bits and slots are stuffed with "0" ’s
by the LM4550.
SDATA_IN Slot 0: Codec Status Bits
The first bit of SDATA_IN Slot 0 (bit 15) indicates when the
Codec is ready. The digital controller must probe further to
see which other subsections are ready.
Bit
Description
Comment
15
Codec Ready
Bit
0=Not Ready, 1=Ready
14
Slot 1 data
valid
Status Address is valid
13
Slot 2 data
valid
Status Data is valid
12
Slot 3 data
valid
Left Audio PCM Data is
valid
11
Slot 4 data
valid
Right Audio PCM Data is
valid
SDATA_IN Slot 1: Status Address / Slot Request Bits
This slot echoes the control register which a read was re-
quested on. The address echoed was initiated by a read
request in the previous SDATA_OUT frame, slot 1. Bits 11
and 10 are slot request bits that support Sample Rate Con-
version (SRC) functionality. If bit 11 is set to 0, then the
controller should respond with a valid PCM left sample in slot
3 of the next frame. If bit 10 is set to 0, then the controller
should respond with a valid PCM right sample in slot 4 of the
next frame. If bits 11 or 10 are set to 1, the controller should
not send data in the next frame. Bits 9, 4, 3, and 2 are
unused. Bits 1 and 0 are reserved and should be set to 0.
Bits
Description
Comment
19
Reserved
Stuffed with "0"
18:12
Control
Register Index
Echo of Control Register
for which data is being
returned.
11
Slot 3 Request
bit (PCM left)
0 = Controller should send
valid slot 3 data in the next
frame, 1 = Controller
should not send slot 3 data
in the next frame
10
Slot 4 Request
bit (PCM right)
0 = Controller should send
valid slot 4 data in the next
frame, 1 = Controller
should not send slot 4 data
in the next frame
9
Slot 5 Request
bit
Unused - Stuff with "0"
8
Slot 6 Request
bit (PCM
Center)
0 = Controller should send
valid slot 6 data in the next
frame, 1 = Controller
should not send slot 6 data
in the next frame
7
Slot 7 Request
bit (PCM Left
Surround)
0 = Controller should send
valid slot 7 data in the next
frame, 1 = Controller
should not send slot 7 data
in the next frame
6
Slot 8 Request
bit (PCMRight
Surround)
0 = Controller should send
valid slot 8 data in the next
frame, 1 = Controller
should not send slot 8 data
in the next frame
5
Slot 9 Request
bit (PCM LFE)
0 = Controller should send
valid slot 9 data in the next
frame, 1 = Controller
should not send slot 9 data
in the next frame
4:2
Other Slot
Request bits
Unused - stuff with "0"
1,0
Reserved
Stuff with "0"
SDATA_IN Slot 2: Status Data
The slot returns the control register data. The data returned
was initiated by a read request in the previous SDATA_OUT
frame, slot 1.
Bits
Description
Comment
19:4
Control
Register Read
Data
3:0
Reserved
Stuffed with "0" ’s
10097207
FIGURE 7. Start of Audio Input Frame
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com