Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4550 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4550 Datasheet HTML 17Page - National Semiconductor (TI) LM4550 Datasheet HTML 18Page - National Semiconductor (TI) LM4550 Datasheet HTML 19Page - National Semiconductor (TI) LM4550 Datasheet HTML 20Page - National Semiconductor (TI) LM4550 Datasheet HTML 21Page - National Semiconductor (TI) LM4550 Datasheet HTML 22Page - National Semiconductor (TI) LM4550 Datasheet HTML 23Page - National Semiconductor (TI) LM4550 Datasheet HTML 24Page - National Semiconductor (TI) LM4550 Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AC’97 2.1 Multiple Codec (Continued)
10097223
Secondary Codec Register Access Definitions
By definition there can be one Primary Codec (ID00) and up to three Secondary Codecs (ID01, 10, and 11). The Codec ID
functions as a chip select. Secondary devices are individually accessible and they do not share registers.
SLOT0:
Bit 15
14
13
12
11
10
987654321
0
Valid
Frame
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
Slot 5
Valid
Slot 6
Valid
Slot 7
Valid
Slot 8
Valid
Slot 9
Valid
ID 1
ID 0
For Secondary Codec access, the controller must invalidate the tag bits for Command Address and Data (Slot 0, bits 14 and 13)
and place a non-zero value (01, 10, or 11) into the Code ID field (Slot 0, bits 1 and 0). The value set in the Codec ID field
determines which of the three possible Secondary Codecs is accessed. Secondary Codecs disregard Command Address and
Data (Slot 0, bits 14 and 13) tag bits when they see a 2-bit Codec ID value (Slot 0, bits 1 and 0) that matches their configuration.
For a read operation, bits 1 and 0 are set when bit 14 (Slot 1) contains valid data. For a write operation, bits 1 and 0 are set when
bits 14 and 13 (Slots 1 and 2) contain valid data. The write operation requires the register address and the write data to be valid
within the same frame. Bits 1 and 0 must be cleared when accessing the primary Codec. They must also be cleared during the
idle period where no register read or write is pending. The physical address of a Codec is determined by the ID (0,1) input pins
(pin 45, and 46).
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com