Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4550 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4550 Datasheet HTML 13Page - National Semiconductor (TI) LM4550 Datasheet HTML 14Page - National Semiconductor (TI) LM4550 Datasheet HTML 15Page - National Semiconductor (TI) LM4550 Datasheet HTML 16Page - National Semiconductor (TI) LM4550 Datasheet HTML 17Page - National Semiconductor (TI) LM4550 Datasheet HTML 18Page - National Semiconductor (TI) LM4550 Datasheet HTML 19Page - National Semiconductor (TI) LM4550 Datasheet HTML 20Page - National Semiconductor (TI) LM4550 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Application Information (Continued)
Bit
Description
Comment
15
Valid Frame
1 = This frame has valid
data.
14
Control register
address
1 = Control Address is
valid.
13
Control register
data
1 = Control Data is valid.
12
Left Playback
PCM Data
1 = Left PCM Data is valid.
11
Right Playback
PCM Data
1 = Right PCM Data is
valid.
9
PCM Center
1 = Center PCM Data is
valid.
8
PCM Left
Surround
1 = PCM Left Surround is
valid.
7
PCM Right
Surround
1 = PCM Right Surround is
valid.
6
PCM LFE
1 = PCM LFE is valid.
SDATA_OUT Slot 1: Control Address
Slot 1 is used both to write to the LM4550 registers as well
as read back a register’s current value. The MSB of Slot 1
(bit 19) signifies whether the current control operation is a
read or a write. Bits 18 through 12 are used to specify the
register address of the read or write operation. The least
significant twelve bits are reserved and should be stuffed
with zeros by the AC’97 controller.
Bits
Description
Comment
19
Read/Write
1 = Read,0=Write
18:12
Control
Register
Identifies the Control
Register
11:0
Reserved
Set to "0"
SDATA_OUT Slot 2: Control Data
Slot 2 is used to transmit 16 bit control data to the LM4550 in
the event that the current operation is a write operation. The
least significant four bits should be stuffed with zeros by the
AC ’97 controller. If the current operation is a register read,
the entire slot, bits 19 through 0 should be stuffed with zeros.
Bits
Description
Comment
19:4
Control
Register Write
Data
Set bits to "0" if read
operation
3:0
Reserved
Set to "0"
SDATA_OUT Slot 3 and 4: PCM Playback Left , Right
Channel
Bits
Description
Comment
19:0
PCM Audio
Data for Left
/RightDACs
Set unused bits to "0"
Slot 3 and 4 are 20 bit fields used to transmit data intended
for the left/right DACs on the LM4550. Any unused bits
should be padded with zeros. The LM4550 DAC’s have 18
bit resolution and thus will use the first 18 bits of the 20 bit
PCM stream.
SDATA_OUT Slot 7 and 8: PCM Playback Left/Right
Surround
Bits
Description
Comment
19:0
PCM Audio
Data for
Left/Right
Surround
Set unused bits to "0"
SDATA_OUT Slot 6 and 9: PCM Playback Center/LFE
Bits
Description
Comment
19:0
PCM Audio
Data for
Center/
LFESurround
Set unused bits to "0"
SDATA_OUT Slots 5, 10–12: Reserved
Set these SDATA_OUT slots to "0" as they are not currently
implemented and are reserved for future use.
10097208
FIGURE 6. AC Link Audio Input Frame
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com