Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4550 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4550 Datasheet HTML 15Page - National Semiconductor (TI) LM4550 Datasheet HTML 16Page - National Semiconductor (TI) LM4550 Datasheet HTML 17Page - National Semiconductor (TI) LM4550 Datasheet HTML 18Page - National Semiconductor (TI) LM4550 Datasheet HTML 19Page - National Semiconductor (TI) LM4550 Datasheet HTML 20Page - National Semiconductor (TI) LM4550 Datasheet HTML 21Page - National Semiconductor (TI) LM4550 Datasheet HTML 22Page - National Semiconductor (TI) LM4550 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Application Information (Continued)
SDATA_IN Slot 3: PCM Record Left Channel
This slot contains the left ADC sample data. The signal to be
digitized is selected via register 1Ah and subsequently
routed through the Input Mux for recording by the left ADC.
This is a 20-bit slot, where the digitized 18-bit PCM data is
output from the codec MSB first and the last remaining 2 bits
will zeros.
Bits
Description
Comment
19:2
PCM Record
Left Channel
data
18 bit audio sample from
left ADC
1:0
Reserved
Stuffed with "0"’s
SDATA_IN Slot 4: PCM Record Right Channel
This slot contains the right ADC sample data. The signal
digitized is selected via register 1Ah and subsequently
routed through the Input Mux for recording by the right ADC.
This is a 20-bit slot, where the digitized 18-bit PCM data is
output from the codec MSB first and the last remaining 2 bits
will zeros.
Bits
Description
Comment
19:2
PCM Record
Right Channel
data
18 bit audio sample from
right ADC
1:0
Reserved
Stuffed with "0"’s
SDATA_IN Slots 5-12: Reserved
These SDATA_IN slots are set to "0" as they are reserved for
future use.
AC Link Low Power Mode
Register Descriptions
Reset Register (00h)
Writing any value to this register causes a register reset
which changes all of the registers back to their default val-
ues. If a read is performed on this register, the LM4550 will
return a value of 0D50h indicating that National 3D Sound is
implemented, 18bit data is supported for both the ADC’s and
DAC’s, and the volume control for True Line Level Out is
supported.
Master Volume Registers (02h, 06h)
These registers allow the output levels from LINE_OUT and
MONO_OUT to be attenuated or muted. There are 6-bits of
volume control, plus one mute bit. It is a 5-bit volume range,
where each step is nominally 1.5dB and each output can be
individually muted by either setting the most significant bit
(Mx4), and/or the mute bit (D15) to "1."
Mute
Mx4:Mx0
Function
0
0 0000
0dB attenuation
0
1 1111
46.5dB attenuation
1
X XXXX
mute
Default: 8000h
Headphone Volume Registers (04h)
This registers allows the output levels from the HP_OUT to
be attenuated or muted. There are 6-bits of volume control,
plus one mute bit. It is a 5-bit volume range, where each step
is nominally 1.5dB and each output can be individually
muted by either setting the most significant bit (Mx4), and/or
the mute bit (D15) to "1."
PC Beep Register (0Ah)
This register controls the level of the PC_BEEP input. The
PC_BEEP can be both attenuated and muted via register
0Ah. Step size is nominally 3dB. The signal present after the
attenuation and mute block is summed into both the left and
10097209
FIGURE 8. AC Link Powerdown Timing
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com