Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4550 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4550 Datasheet HTML 12Page - National Semiconductor (TI) LM4550 Datasheet HTML 13Page - National Semiconductor (TI) LM4550 Datasheet HTML 14Page - National Semiconductor (TI) LM4550 Datasheet HTML 15Page - National Semiconductor (TI) LM4550 Datasheet HTML 16Page - National Semiconductor (TI) LM4550 Datasheet HTML 17Page - National Semiconductor (TI) LM4550 Datasheet HTML 18Page - National Semiconductor (TI) LM4550 Datasheet HTML 19Page - National Semiconductor (TI) LM4550 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application Information
AC Link Serial Interface Protocol
AC Link Output Frame: SDATA_OUT (output from
controller, input to LM4550)
The audio output frame (output from AC ’97 Controller)
contains control and PCM data targeted for the LM4550
control registers and stereo DAC. The Tag slot, slot 0, con-
tains 16 bits that tell the AC Link interface circuitry on the
LM4550 the validity of the following data slots.
A new audio output frame is signaled with a low to high
transition of SYNC. SYNC is synchronous to the rising edge
of BIT_CLK. On the next rising edge of BIT_CLK, the AC ’97
Controller drives SDATA_OUT with the first bit of slot 0. The
LM4550 samples SDATA_OUT on the falling edge of BIT-
_CLK. The AC ’97 Controller will continue outputting the
SDATA_OUT stream on each successive rising edge of
BIT_CLK.
SDATA_OUT Slot 0: Tag Phase
The first bit of slot 0 is designated the "Valid Frame" bit. If this
bit is 1, it indicates that the current data frame contains at
least one slot of valid data and the LM4550 will further
sample the next four bits and slots7&8and6&9to
determine which frames do in fact have valid data. Valid slots
are signified bya1in their respective slot bit position.
10097204
FIGURE 3. AC 97 Bidirectional Audio Frame
10097206
FIGURE 4. AC Link Audio Output Frame
10097205
FIGURE 5. Start of Audio Output Frame
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com