Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4550 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM4550 Datasheet HTML 17Page - National Semiconductor (TI) LM4550 Datasheet HTML 18Page - National Semiconductor (TI) LM4550 Datasheet HTML 19Page - National Semiconductor (TI) LM4550 Datasheet HTML 20Page - National Semiconductor (TI) LM4550 Datasheet HTML 21Page - National Semiconductor (TI) LM4550 Datasheet HTML 22Page - National Semiconductor (TI) LM4550 Datasheet HTML 23Page - National Semiconductor (TI) LM4550 Datasheet HTML 24Page - National Semiconductor (TI) LM4550 Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Secondary Codec Register Access Definitions (Continued)
Reg 28h & Multiple Codec Option:
Reg
Name
D15 D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
28h
Extended
Audio ID
ID1
ID0
x
x
x
x AMAP
x
x
x
VRA
xxxxh
The AMAP bit, D9 in the Extended Audio ID Register (registers 28h), indicates whether or not the audio Codec supports Optional
AC’97 2.1 compliant AC-link slot to audio DAC mappings. AMAP = 1 in D9 indicates that the default (following cold or warm reset)
Codec slot to DAC mappings (configured via hardwirings, strap pin(s), or other methods) comform to the table below.
Codec Mode
Pin 46 (ID1)
Pin 45 (ID0)
Reg 28h ID1
Reg 28h ID0
PCM Left DAC
uses data from
slot #
PCM Right DAC
uses data from
slot #
Primary
NC/DV
DD
NC/DV
DD
003
4
Secondary 1
NC/DV
DD
GND
0
1
3
4
Secondary 2
GND
NC/DV
DD
107
8
Secondary 3
GND
GND
1
1
6
9
CHAIN_IN
Using National Semiconductor’s unique feature for chaining together codecs, a multiple codec system can be built. This chain
feature requires only a single stream back to the controller. By setting the two LSBs of register 74h to something other than the
codec ID, the codec stops sending its own SDATA_IN signal and instead passes the signal connected here out the SDATA_IN
pin. When the CHAIN_IN feature is used, another codec’s SDATA_IN pin should be connected here, or else this pin should be
grounded to prevent the possibility of floating the SDATA_IN signal at the controller. Reg 74h is updated at the rising edge of
SYNC.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com