Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
ADL5567
Rev. 0 | Page 5 of 23
Parameter
Test Conditions/
Comments
VS = 3.3 V
VS = 5 V
Min
Typ
Max
Min
Typ
Max
Unit
1000 MHz2
HD2
−59
−70
dBc
HD3
−49
−55
dBc
OIP3
29
32
dBm
IMD3
−62
−68
dBc
OIP2
62.1
65.4
dBm
IMD2
−64
−67
dBc
NF
8.1
8.2
dB
NSD, RTI
1.48
1.50
nV/√Hz
1500 MHz2
HD2
−44
−50
dBc
HD3
−47
−51
dBc
OIP3
21.3
25.3
dBm
IMD3
−47
−55
dBc
OIP2
50.2
51.8
dBm
IMD2
−52
−54
dBc
NF
8.3
8.4
dB
NSD, RTI
1.52
1.54
nV/√Hz
2000 MHz2
HD2
−49
−50
dBc
HD3
−44
−44
dBc
OIP3
17.5
19
dBm
IMD3
−39
−42
dBc
OIP2
43.3
51.4
dBm
IMD2
−45
−53
dBc
NF
9.6
9.7
dB
NSD, RTI
1.8
1.83
nV/√Hz
1
NSD RTI is calculated from NF, as follows:
NSD (RTI) = ½ ×
IN
NF
R
kT
×
−
×
1
10
4
/10
where:
k is Boltzmann's constant, which equals 1.381 × 10−23J/K.
T is the standard absoltute temperature for evaluating noise figure, which equals 290 K.
RIN is the differential input impedance of each amplifier, which equals 100 Ω.
2
OP1dB is not specified above 500 MHz, as the output level exceeds absolute maximum level allowed (see Table 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com