Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
ADL5567
Rev. 0 | Page 13 of 23
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
300k
3M
30M
300M
3G
Figure 33. Reverse Isolation (SDD12) vs. Frequency
0
5.0
5.0
2.0
1.0
1.0
2.0
0.5
0.5
0.2
0.2
10MHz
6GHz
SDD11
RLC
Figure 34. Differential Input Equivalent RLC Network vs. SDD11 (ZO = 100 Ω)
0
5.0
5.0
2.0
1.0
1.0
2.0
0.5
0.5
0.2
0.2
SDD22
RLC
10MHz
6GHz
Figure 35. Differential Output Equivalent RLC Network vs. SDD22 (ZO = 100 Ω)
–120
–100
–80
–60
–40
–20
0
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
5V HP, A-B
5V LP, A-B
3.3V HP, A-B
3.3V LP, A-B
5V HP, B-A
5V LP, B-A
3.3V HP, B-A
3.3V LP, B-A
Figure 36. Channel to Channel Isolation vs. Frequency
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
5V HP MODE
5V LP MODE
3.3V HP MODE
3.3V LP MODE
Figure 37. Supply Current vs. Temperature over VS and Power Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com