Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
ADL5567
Rev. 0 | Page 15 of 23
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 39 shows the basic connections for operating the ADL5567.
Apply a voltage between 3 V and 5 V to the VCC1 and VCC2 pins
through a 5.1 nH inductor and decouple the supply side of the
inductor with at least one low inductance, 0.1 μF surface-mount
ceramic capacitor. This inductor, together with the internal
capacitance at the VCCx pins, results in a two-pole, low-pass
network and reduces the noise from the power supply.
Decouple the VCOM1 and VCOM2 pins (Pin 21 and Pin 10)
using a 0.1 μF capacitor. The ENBL1 and ENBL2 pins (Pin 22
and Pin 9) are tied to logic high, respectively, to enable each
amplifier. A differential signal is applied to Amplifier 1 through
Pin 1 (VIN1) and Pin 2 (VIP1) and to Amplifier 2 through Pin 5
(VIP2) and Pin 6 (VIN2). Each amplifier has a gain of 20 dB.
The Amplifier 1 input pins, Pin 1 (VIN1) and Pin 2 (VIP1), and
output pins, Pin 18 (VON1) and Pin 17 (VOP1), are biased by
applying a voltage to Pin 21 (VCOM1). If VCOM1 is left open,
VCOM1 equals ½ of VS. The Amplifier 2 input pins, Pin 5 (VIP2)
and Pin 6 (VIN2), and the output pins, Pin 13 (VON2) and Pin 14
(VOP2), are biased by applying a voltage to VCOM2. If VCOM2
is left open, VCOM2 equals ½ of VS.
The ADL5567 can be ac-coupled as shown in Figure 39, or can
be dc-coupled if within the specified input and output common-
mode voltage ranges. Pulling the ENBL1/ENBL2 pins low puts
the ADL5567 in sleep mode, reducing the current consumption
to 7 mA at ambient temperature.
0.01µF
BALANCED
LOAD
VIP1
VIN1
0.01µF
VON1
VCOM1
VOP1
0.01µF
VCC2
RF
RF
RG
RG
2
21
18
18
18
17
1
2
1
ENBL1
ENBL2
3.3V
0.01µF
0.01µF
3.3V
RG
2
21
18
11
17
1
22
9
VCC1
ADL5567
20
0.01µF
BALANCED
LOAD
VIP2
VIN2
PM2
PM1
3.3V
3.3V
0.01µF
VON2
VCOM2
VOP2
0.01µF
RF
RF
RG
RG
5
8
3
4
7
12
15
16
19
24
10
13
14
23
6
0.01µF
10µF
VS
0.01µF
5.1nH
5.1nH
EXPOSED PAD
+
½
RS
½
RS
½
RS
½
RS
BALANCED
AC
BALANCED
AC
Figure 39. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com