Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5567ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
4.3 GHz, Ultrahigh Dynamic Range,
Dual Differential Amplifier
Data Sheet
ADL5567
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−3 dB bandwidth of 4.3 GHz
High performance (HP), low power (LP), and power down modes
Preset 20 dB gain can be reduced by adding external resistors
Channel to channel gain error: 0.04 dB at 500 MHz
Channel to channel phase error: 0.6° at 500 MHz
Differential or single-ended input to differential output
Internally dc-coupled inputs and outputs
Low noise input stage: 7.4 dB noise figure at 500 MHz
Low broadband distortion for supply = 5V, HP mode, and 2V p-p
200 MHz: −94 dBc (HD2), −103 dBc (HD3)
500 MHz: −82 dBc (HD2), −82 dBc (HD3)
IMD3 of −104 dBc at 200 MHz and −90 dBc at 500 MHz
Low single-ended input distortion
Slew rate: 20 V/ns
Maintains low distortion for output common-mode voltage
down to 1.25 V
Single-supply operation: 3.3 V or 5 V
Low dc power consumption: 148 mA at 5 V (HP mode), and
80 mA at 3.3 V (LP mode)
APPLICATIONS
Differential ADC drivers
Single-ended to differential conversions
RF/IF gain blocks
SAW filter interfacing
FUNCTIONAL BLOCK DIAGRAM
VCOM1
RF
RF
VCCx
VIN1
PM1
PM2
VIP1
ENBL1
VON1
VOP1
VCOM2
RF
RF
RG1
RG
RG
RG1
VIN2
GND
ENBL2
VIP2
VON2
VOP2
ADL5567
Figure 1.
GENERAL DESCRIPTION
The ADL5567 is a high performance, dual differential amplifier
optimized for intermediate frequencies (IF) and dc applications.
The amplifier offers a low noise of 1.29 nV/√Hz and excellent
distortion performance over a wide frequency range, making it
an ideal driver for high speed 16-bit analog-to-digital converters
(ADCs). The ADL5567 is ideally suited for use in high performance
zero-IF and complex IF receiver designs. In addition, this device
has excellent low distortion for single-ended input driver
applications.
The ADL5567 provides a gain of 20 dB. For the single-ended input
configuration, the gain is reduced to 18 dB. Using two external
series resistors for each amplifier expands the gain flexibility of
the amplifier and allows for any gain selection from 0 dB to 20 dB
for a differential input and 0 dB to 18 dB for a single-ended input.
In addition, this device maintains low distortion down to output
common-mode levels of 1.25 V, and therefore providing an added
capability for driving CMOS ADCs at ac levels up to 2 V p-p.
The quiescent current of the ADL5567 using a 5 V supply is
typically 74 mA per amplifier in high performance mode.
When disabled, each amplifier consumes only 3.5 mA, and has
58 dB input to output isolation at 100 MHz.
The device is optimized for wideband, low distortion, and low
noise operation, giving it unprecedented performance for
overall spurious-free dynamic range (SFDR). These attributes,
together with its adjustable gain capability, make this device the
amplifier of choice for driving a wide variety of ADCs, mixers,
pin diode attenuators, SAW filters, and multielement discrete
devices.
Fabricated on an Analog Devices, Inc., high speed silicon
germanium (SiGe) process, the ADL5567 is supplied in a
compact 4 mm × 4 mm, 24-lead LFCSP package and operates
over the −40°C to +85°C temperature.


Similar Part No. - ADL5567ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5567ACPZN-R7 AD-ADL5567ACPZN-R7 Datasheet
734Kb / 23P
4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
Rev. A
More results

Similar Description - ADL5567ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
0.05-4.0 GHz Dual High Dynamic Range Amplifier
CDQ6004-QS MIMIX-CDQ6004-QS_07 Datasheet
535Kb / 10P
0.05-4.0 GHz Dual High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
100.05-4.0 GHz Dual High Dynamic Range Amplifier
logo
Analog Devices
ADL5565 AD-ADL5565 Datasheet
1Mb / 28P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_12 Datasheet
842Kb / 28P
6 GHz Ultrahigh Dynamic Range
REV. B
ADL5565 AD-ADL5565_13 Datasheet
961Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
ADL5565 AD-ADL5565_17 Datasheet
893Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
Rev. E
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
8/2019-Rev. B to Rev. C
ADL5569 AD-ADL5569_V01 Datasheet
653Kb / 23P
6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com