Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5567
Data Sheet
Rev. 0 | Page 8 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.3 V or 5 V, HP mode, VCOM = VS/2, RS = 100 Ω differential, RL = 200 Ω differential, VOUT = 2 V p-p, frequency = 200 MHz, TA = 25°C,
parameters specified for differential input and differential output, signal spacing = 2 MHz for two-tone measurements, unless otherwise noted.
FREQUENCY (Hz)
0
5
10
15
20
25
100k
1M
10M
100M
1G
10G
5V HP
5V LP
3.3V HP
3.3V LP
Figure 3. Gain vs. Frequency over Power Modes
FREQUENCY (Hz)
0
5
10
15
20
25
100k
1M
10M
100M
1G
10G
5V HP, +85°C
5V LP, +85°C
5V HP, +25°C
5V LP, +25°C
5V HP, –40°C
5V LP, –40°C
Figure 4. Gain vs. Frequency over Temperature at VS = 5 V
FREQUENCY (Hz)
0
5
10
15
20
25
100k
1M
10M
100M
1G
10G
3.3V HP, +85°C
3.3V LP, +85°C
3.3V HP, +25°C
3.3V LP, +25°C
3.3V HP, –40°C
3.3V LP, –40°C
Figure 5. Gain vs. Frequency over Temperature at VS = 3.3 V
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
1M
10M
100M
1G
FREQUENCY (Hz)
DUT 1
DUT 2
DUT 3
DUT 4
DUT 5
Figure 6. Channel to Channel Gain Mismatch vs. Frequency
1M
10M
100M
1G
FREQUENCY (Hz)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
DUT 1, 3.3V HP
DUT 1, 5V HP
DUT 2, 3.3V HP
DUT 2, 5V HP
DUT 3, 3.3V HP
DUT 3, 5V HP
Figure 7. Channel to Channel Phase Mismatch CHA –CHB vs. Frequency
0
5
10
15
20
25
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
5V HP, +25°C
5V HP, +85°C
5V HP, –40°C
5V LP, +25°C
5V LP, –40°C
5V LP, +85°C
3.3V HP, +25°C
3.3V HP, –40°C
3.3V HP, +85°C
3.3V LP, +25°C
3.3V LP, –40°C
3.3V LP, +85°C
Figure 8. OP1dB vs. Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com