Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADL5567
Data Sheet
Rev. 0 | Page 18 of 23
–10.0
–5.0
0
5.0
10.0
15.0
20.0
25.0
27.5
22.5
17.5
12.5
7.5
2.5
–2.5
–7.5
FREQUENCY (Hz)
10M
100M
1G
10G
CLD = 0pF
CLD = 3pF, RSE = 0Ω
CLD = 1.5pF, RSE = 0Ω
CLD = 3pF, RSE = 15Ω
CLD = 1.5pF, RSE = 15Ω
Figure 47. Frequency Response for Various Load Capacitances,
VS = 5 V, High Performance Mode, RL = 200 Ω
ADC INTERFACING
A wideband data acquisition system (AD-FMCADC7-EBZ) using
the ADL5567 together with the AD9625 2.6 GSPS, 12-bit ADC
is shown in Figure 51. The RC filter after the amplifier works
with the pole formed by the ADC input capacitance to attenuate
the broadband noise and out-of-band harmonics generated by
the amplifier, as well as blocking the sharp switching pulses from
reaching the amplifier outputs and creating nonlinear effects.
Component values for different acquisition bandwidth are listed
in Table 6. An additional filter more specific to the system rejection
requirements is also needed ahead of the ADL5567 amplifier to
prevent unwanted signals from compressing the amplifier as
well as from reaching the ADC.
The signal-to-noise ratios with respect to full scale of the ADC
system (SNR FS), using various sources for sampling clock on
several circuit boards (such as the BRD-2, BRD-4, or BRD-5)
are shown in Figure 48. Two-tone intermodulation distortion
performance is shown in Figure 49, and the relative frequency
responses for this ADC system with different output filter
capacitors, are shown in Figure 50.
50
51
52
53
54
55
56
57
58
59
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
AD9625 DATASHEET
BRD-4, AC-COUPLED, CRYSTEK, ADF, CLK
BRD-5, DC-COUPLED, ON-BOARD, OSC, CLKAMP, ADC
BRD-5, DC-COUPLED, CRYSTEK, 2.5GHz
BRD-2, AC-COUPLED, CRYSTEK, 2.6GHz, ADC
BRD-5, DC-COUPLED, CRYSTEK
BRD-3, DC-COUPLED, 2.5GHz, CRYSTEK
BRD-4, AC-COUPLED, SMA-CLK
BRD-8, DC-COUPLED, CRYSTEK, ADF, CLK
BRD-4, AC-COUPLED, CRYSTEK, 2.5GHz, CLK
BRD-5, DC-COUPLED, BALUN CRYSTEK, 2.5GHz
BRD-5, DC-COUPLED, SIG-GEN
BRD-5, DC-COUPLED, ADF
BRD-2, REVB, FINAL
Figure 48. ADC System SNR (Referred to Full Scale)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
200
400
600
800
1000
1200
1400
1600
1800
FREQUENCY (MHz)
BRD-5, DC-COUPLED
BRD-4, AC-COUPLED
Figure 49. Measured Two-Tone IMD3 Performance
–30
–25
–20
–15
–10
–5
0
5
10M
100M
1G
10G
FREQUENCY (Hz)
BRD-3, DUAL-AMP
BRD-3, DUAL-AMP, 2.2PF
BRD-5, DC-COUPLED, SIG-GEN
Figure 50. Measured Relative Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com