Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADL5567
Data Sheet
Rev. 0 | Page 22 of 23
Table 7. Evaluation Board Configuration Options
Component
Description
Default Condition
VCCB, GND
Supply and ground test loops.
VCCB, GND = installed
C5, C7, C21, L1,
L2
Power supply decoupling. The supply decoupling consists of a 10 μF capacitor (C21) and
two 0.1 μF capacitors, C5 and C7, connected between the supply lines and ground.
L1 and L2 decouple the ADL5567 from the power supply.
C21 = 10 μF (Size D),
C5, C7 = 0.1 μF (Size 0402),
L1, L2 = 5.1 nH (Size 0603)
VIN1, VIP1, VIP2,
VIN2, R1, R2, R3,
R4, R5, R8, R9,
R10, R11, R12,
R21, R24, C13,
C1, C12, C14,
C15, C16, T1, T2
Input interface. The SMA labeled VIN1 is the input to Amplifier 1. T1 is a 1:1
impedance ratio balun to transform a single-ended input into a balanced differential
signal. Removing R3, installing R1 (0 Ω), and installing an SMA connector (VIP1) allows
driving from a differential source. C13 and C14 provide ac coupling. C12 is an optional
bypass capacitor. R9 and R10 provide a differential 50 Ω input termination. The SMA
labeled VIP2 is the input to Amplifier 2. T2 is a 1:1 impedance ratio balun to transform a
single-ended input into a balanced differential signal. Removing R4, installing R2 (0 Ω),
and installing an SMA connector (VIN2) allows driving from a differential source. C15
and C16 provide ac coupling. C1 is an optional bypass capacitor. R11 and R12 provide
a differential 50 Ω input termination.
VIN1, VIP2 = installed,
VIP1, VIN2 = not installed,
R1, R2 = do not install (DNI),
R3, R4, R5, R8, R21, R24 = 0 Ω
(Size 0402),
R9, R10, R11, R12 = 50 Ω (Size 0402),
C13, C14, C15, C16 = 0.01 μF
(Size 0402),
C1, C12 = DNI,
T1, T2 = TCM1-43+ (Mini-Circuits®)
VOP1, VON1,
VON2, VOP2,
C10, C11, C17,
C18, C19, C20,
R13, R14, R15,
R16, R17, R18,
R19, R20, R25,
R26, R27, R28,
T3, T4
Output interface. The SMA labeled VOP1 is the output for Amplifier 1. T3 is a 1:1
impedance ratio balun used to transform a balanced differential signal to a single-
ended signal. Removing R25, installing R27 (0 Ω), and installing an SMA connector
(VON1) allows differential loading. C10 is an optional bypass capacitor. C17 and C18
provide ac coupling. R13, R14, R17, and R16 are provided for generic placement of
matching components.
The SMA labeled VON2 is the output for Amplifier 2. T4 is a 1:1 impedance ratio balun
used to transform a balanced differential signal to a single-ended signal. Removing R26,
installing R28 (0 Ω), and installing an SMA connector (VOP2) allows differential loading.
C11 is an optional bypass capacitor. C19 and C20 provide ac coupling. R15, R16, R19,
and R20 are provided for generic placement of matching components.
The evaluation board is configured to provide a 50 Ω source impedance to the external
output, as well as a 200 Ω load to the device, with a voltage divide ratio of 17 dB.
VOP1, VON2 = installed,
VON1, VOP2 = not installed,
R13, R14, R15, R16 = 84.5 Ω
(Size 0402),
R17, R18, R19, R20 = 34.8 Ω
(Size 0402),
R25, R26 = 0 Ω (Size 0402),
R27, R28 = DNI (Size 0402),
C10, C11 = DNI (Size 0402),
C17, C18 = 0.01 μF (Size 0402),
C19, C20 = 0.01 μF (Size 0402),
T3, T4 = TCM1-43+ (Mini-Circuits)
ENBL_1,
ENBL_2, C3, C4
Device enable. ENBL_1 is the enable input for Amplifier 1. Placing the jumper
between Position 1 and Position 2 enables Amplifier 1. C3 is a bypass capacitor for
the ENBL_1 input. ENBL_2 is the enable for Amplifier 2. Placing the jumper between
Position 1 and Position 2 enables Amplifier 2. C4 is a bypass capacitor for the
ENBL_2 pin.
ENBL_1, ENBL_2 = installed,
C3, C4 = 0.1 μF (Size 0402)
VCOM-1,
VCOM-2, C2, C6
Common-mode voltage interface. VCOM-1 is the common-mode interface for
Amplifier 1. A voltage applied to this pin sets the common-mode voltage of the output
of Amplifier 1. VCOM-2 is the common-mode interface for Amplifier 2. A voltage applied
to this pin sets the common-mode voltage of the output of Amplifier 2. Typically
decoupled to ground with a 0.1 μF capacitor (C2 and C6). With no reference applied,
input and output common mode levels float to midsupply (VS/2).
VCOM-1, VCOM-2 = installed
C2, C6 = 0.1 μF (Size 0402)
PM1, PM2
Power mode control. Each amplifier has a power mode control that lowers the
current in the amplifier to lower the power consumption.
PM1, PM2 = installed
Figure 55. Layout of Evaluation Board, Component Side
Figure 56. Layout of Evaluation Board, Circuit Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com