Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC787ALC3BTR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC787ALC3BTR-R5
Description  Conversion loss: 9 dB typical at 3 GHz to 9 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC787ALC3BTR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC787ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
HMC787A
Rev. 0 | Page 3 of 17
SPECIFICATIONS
TA = 25°C, IF = 100 MHz, LO = 17 dBm, and all measurements performed as downconverter, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
FREQUENCY RANGE
RF
3
10
GHz
LO
3
10
GHz
IF
DC
4
GHz
LO DRIVE LEVEL
17
dBm
PERFORMANCE AT RF = 3 GHz to 9 GHz
Conversion Loss
9
11
dB
Single Sideband (SSB) Noise Figure
9
dB
Input Third-Order Intercept (IP3)
15
24
dBm
Input 1 dB Compression Point (P1dB)
17
dBm
Input Second-Order Intercept (IP2)
67
dB
RF to IF Isolation
15
26
dB
LO to RF Isolation
48
dB
LO to IF Isolation
35
43
dB
PERFORMANCE AT RF = 9 GHz to 10 GHz
Conversion Loss
9
11
dB
SSB Noise Figure
9
dB
Input IP3
15
24
dBm
Input P1dB
15
dBm
Input IP2
66
dB
RF to IF Isolation
15
26
dB
LO to RF Isolation
47
dB
LO to IF Isolation
25
42
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com