Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC787ALC3BTR-R5 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC787ALC3BTR-R5
Description  Conversion loss: 9 dB typical at 3 GHz to 9 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC787ALC3BTR-R5 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC787ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet
HMC787A
Rev. 0 | Page 7 of 17
2.5
10.5
9.5
8.5
7.5
6.5
5.5
4.5
3.5
RF FREQUENCY (GHz)
20
18
10
2
14
6
16
8
12
4
0
+85°C
+25°C
–40°C
Figure 13. Single Sidband Noise Figure vs. RF Frequency for Various
Temperatures, IF = 100 MHz, LO Power = 17 dBm
345
10
9
8
7
6
RF FREQUENCY (GHz)
0
–2
–10
–18
–6
–14
–4
–12
–8
–16
–20
+85°C
+25°C
–40°C
Figure 14. Conversion Gain vs. RF Frequency for Various Temperatures,
IF = 1100 MHz, LO Power = 17 dBm
345
10
9
8
7
6
50
45
25
5
35
15
40
20
30
10
0
+85°C
+25°C
–40°C
RF FREQUENCY (GHz)
Figure 15. Input Third-Order Intercept (IP3) vs. RF Frequency for Various
Temperatures, IF = 1100 MHz, LO Power = 17 dBm
2.5
10.5
9.5
8.5
7.5
6.5
5.5
4.5
3.5
RF FREQUENCY (GHz)
20
18
10
2
14
6
16
8
12
4
0
15dBm
17dBm
19dBm
Figure 16. Single Sidband Noise Figure vs. RF Frequency for Various LO
Powers, IF = 100 MHz, Temperature = 25°C
345
10
9
8
7
6
RF FREQUENCY (GHz)
0
–2
–10
–18
–6
–14
–4
–12
–8
–16
–20
13dBm
15dBm
17dBm
19dBm
21dBm
Figure 17. Conversion Gain vs. RF Frequency for Various LO Powers,
IF = 1100 MHz, Temperature = 25°C
345
10
9
8
7
6
RF FREQUENCY (GHz)
50
45
25
5
35
15
40
20
30
10
0
13dBm
15dBm
17dBm
19dBm
21dBm
Figure 18. Input Third-Order Intercept (IP3) vs. RF Frequency for Various LO
Powers, IF = 1100 MHz, Temperature = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com