Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC787ALC3BTR-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC787ALC3BTR-R5
Description  Conversion loss: 9 dB typical at 3 GHz to 9 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC787ALC3BTR-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC787ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
HMC787A
Rev. 0 | Page 5 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
9
8
1
37
2
GND
LO
GND
GND
RF
GND
GND
PACKAGE
BASE
HMC787A
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. EXPOSED PAD. EXPOSED PAD MUST
BE CONNECTED TO RF/DC GROUND.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 6, 7, 9
GND
Ground. Connect the package bottom to RF/dc ground. See Figure 3 for the GND interface schematic.
2
LO
Local Oscillator. This pin is dc-coupled and matched to 50 Ω. See Figure 4 for the LO interface schematic.
5
IF
Intermediate Frequency. This pin is dc-coupled. For applications not requiring operation to dc, externally
block this pin using a series capacitor whose value is chosen to pass the necessary IF frequency range. For
operation to dc, this pin must not source or sink more than 12 mA of current or device nonfunction and
possible device failure results. See for Figure 5 the IF interface schematic.
8
RF
Radio Frequency. This pin is dc-coupled and matched to 50 Ω. See Figure 6 for the RF interface schematic.
10 to 12
NIC
Not Internally Connected.
EPAD
Exposed Pad. Exposed pad must be connected to RF/dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
LO
Figure 4. LO Interface Schematic
IF
Figure 5. IF Interface Schematic
RF
Figure 6. RF Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com