Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC787ALC3BTR-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC787ALC3BTR-R5
Description  Conversion loss: 9 dB typical at 3 GHz to 9 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC787ALC3BTR-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC787ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet
HMC787A
Rev. 0 | Page 13 of 17
016
15
14
13
9
5
110
6
211
7
312
8
4
RF FREQUENCY (GHz)
5
–15
–5
0
–25
–35
–20
–10
–40
–30
+85°C
+25°C
–40°C
Figure 48. RF Return Loss vs. RF Frequency at Various Temperatures,
LO Power = 17 dBm, LO Frequency = 6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com