Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC787ALC3BTR-R5 Datasheet(PDF) 17 Page - Analog Devices

Part # HMC787ALC3BTR-R5
Description  Conversion loss: 9 dB typical at 3 GHz to 9 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC787ALC3BTR-R5 Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC787ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
HMC787A
Data Sheet
Rev. 0 | Page 16 of 17
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 49 shows the typical application circuit for the HMC787A.
The LO and RF pins are internally ac-coupled. When IF operation
is not required until dc, it is recommended to use an ac-coupled
capacitor at the IF port. When IF operation to dc is required,
do not exceed the IF source and sink currents specified in the
Absolute Maximum Ratings section.
9
8
1
37
2
RF
LO
IF
Figure 49. Typical Applications Circuit
EVALUATION PCB INFORMATION
The circuit board used in the application must use RF circuit
design techniques. Signal lines must have 50 Ω impedance, and
the package ground leads and exposed pad must be connected
directly to the ground plane similarly to that shown in Figure 50.
Use a sufficient number of via holes to connect the top and
bottom ground planes. The evaluation circuit board shown in
Figure 50 is available from Analog Devices, Inc., upon request.
Figure 50. Evaluation PCB Top Layer
Table 6. Bill of Materials for the EV1HMC787ALC3B Evaluation PCB
Quantity
Reference Designator
Part Number
Description
1
117611-1
PCB, evaluation board
2
J1 to J2
104935
2.92 mm connectors, SRI
1
J3
105192
SMA connector, Johnson
1
U1
HMC787ALCB
Device under test (DUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com