Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC787ALC3BTR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC787ALC3BTR-R5
Description  Conversion loss: 9 dB typical at 3 GHz to 9 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC787ALC3BTR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC787ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
GaAs, MMIC, Fundamental Mixer,
3 GHz to 10 GHz
Data Sheet
HMC787A
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Conversion loss: 9 dB typical at 3 GHz to 9 GHz
Local oscillator (LO) to radio frequency (IF) isolation:
43 dB typical at 3 GHz to 9 GHz
RF to intermediate frequency (IF) isolation: 26 dB typical at
3 GHz to 9 GHz
Input third-order intercept (IP3): 24 dBm typical at
3 GHz to 9 GHz
Input 1 dB compression point (P1dB): 17 dBm typical at
3 GHz to 9 GHz
Input second-order intercept (IP2): 67 dBm typical at
3 GHz to 9 GHz
Passive double-balanced topology
Wide IF frequency range: dc to 4 GHz
12-terminal, ceramic, leadless chip carrier (LCC) package
APPLICATIONS
Microwave radio
Industrial, scientific, and medical (ISM) band and ultrawide
band (UWB) radio
Test equipment and sensors
Military end use
FUNCTIONAL BLOCK DIAGRAM
9
8
1
37
2
GND
LO
GND
GND
RF
GND
GND
PACKAGE
BASE
HMC787A
Figure 1.
GENERAL DESCRIPTION
The HMC787A is a general-purpose, double balanced mixer in
a 12-terminal, RoHS compliant, ceramic leadless chip carrier
(LCC) package that can be used as an upconverter or down-
converter from 3 GHz to 10 GHz. This mixer is fabricated in a
gallium arsenide (GaAs), metal semiconductor field effect
transistor (MESFET) process and requires no external components
or matching circuitry. The HMC787A provides excellent local
oscillator (LO) to radio frequency (RF) and LO to intermediate
frequency (IF) isolation due to optimized balun structures and
operates with a LO drive level of 17 dBm. The ceramic LCC
package eliminates the need for wire bonding and is compatible
with high volume, surface-mount manufacturing techniques.


Similar Part No. - HMC787ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC787LC3B HITTITE-HMC787LC3B Datasheet
588Kb / 8P
GaAs MMIC Fundam ental Mixer, 3 - 10 GHz
More results

Similar Description - HMC787ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
logo
Micronetics, Inc.
EL0056 MICRONETICS-EL0056 Datasheet
97Kb / 2P
High Power Limiters 5 GHz to 9 GHz
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
19 dB Typical Small Signal Gain at 4 GHz
Rev 1.1
logo
Analog Devices
HMC558A AD-HMC558A Datasheet
367Kb / 15P
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
REV. 0
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
HMC8413 AD-HMC8413 Datasheet
621Kb / 21P
Low Noise Amplifier, 0.01 GHz to 9 GHz
10/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com