Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC787ALC3BTR-R5 Datasheet(PDF) 15 Page - Analog Devices

Part # HMC787ALC3BTR-R5
Description  Conversion loss: 9 dB typical at 3 GHz to 9 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC787ALC3BTR-R5 Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC787ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC787ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
HMC787A
Data Sheet
Rev. 0 | Page 14 of 17
SPURIOUS AND HARMONICS PERFORMANCE
Mixer spurious products are measured in dBc from the IF output power level, unless otherwise noted. Spur values are (M × RF) − (N × LO).
LO Harmonics
LO = 17 dBm, and all values in dBc below input LO level
measured at RF port.
Table 5. Harmonics of LO
NLO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
3
55
53
58
59
6
46
45
64
76
10
41
57
61
61
M × N Spurious Outputs, IF = 100 MHz
RF = 3.1 GHz, LO = 3 GHz, RF power = −5 dBm, and
LO power = 17 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
14
38
32
54
1
12.3
0
25
27
60
2
90.1
93
98
94
90
3
91.1
90
92
98
94
4
89.1
88
91
94
98
RF = 6.1 GHz, LO = 6 GHz, RF power = −5 dBm, and
LO power = 17 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
12
26
42
42
1
16.3
0
36
35
50
2
89.1
91
97
90
88
3
86.2
88
88
95
87
4
83.1
87
89
90
96
RF =10.1 GHz, LO = 10 GHz, RF power = −5 dBm, and
LO power = 17 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
4
39
36
43
1
19.9
0
87
83
79
2
84.3
84
97
87
83
3
78.4
82
87
97
87
4
72.4
78
83
89
95
M × N Spurious Outputs, IF = 3000 MHz
RF = 3.1 GHz, LO = 6.1 GHz, RF power = −5 dBm, and
LO power = 17 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
13
28
44
44
1
13.6
0
47
45
64
2
90.7
99
89
89
86
3
91
93
94
87
87
4
90.2
89
99
92
90
RF = 6.1 GHz, LO = 3.1 GHz, RF power = −5 dBm, and
LO power = 17 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
13
39
28
50
1
16
0
24
18
90
2
89
88
89
92
97
3
86
86
89
87
89
4
82
86
85
87
89
RF = 10.1 GHz, LO = 7.1 GHz, RF power = −5 dBm, and
LO power = 17 dBm.
N × LO
0
1
2
3
4
M × RF
0
Not applicable
11
28
41
54
1
17.7
0
30
35
52
2
82.9
86
84
94
86
3
75
81
86
87
92
4
68
76
79
83
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com