Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 11 Page - ams AG

Part # AS7263
Description  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7263 Datasheet(HTML) 11 Page - ams AG

Back Button AS7263 Datasheet HTML 7Page - ams AG AS7263 Datasheet HTML 8Page - ams AG AS7263 Datasheet HTML 9Page - ams AG AS7263 Datasheet HTML 10Page - ams AG AS7263 Datasheet HTML 11Page - ams AG AS7263 Datasheet HTML 12Page - ams AG AS7263 Datasheet HTML 13Page - ams AG AS7263 Datasheet HTML 14Page - ams AG AS7263 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
ams Datasheet
Page 11
[v1-00] 2016-Nov-25
Document Feedback
AS7263 − Timing Characteristics
Optical Characteristics
Figure 12:
Optical Characteristics of AS7263 (Pass Band)(1)
Note(s):
1. Calibration & measurements are made using diffused light.
2. Each channel is tested with GAIN = 16x, Integration Time (INT_T ) = 166ms and VDD = VDD1 = VDD2 = 3.3V, TAMB=25°C.
3. The accuracy of the channel counts/μW/cm2 is ±12%.
4. The light source is an incandescent light with an irradiance of ~1500μW/cm2 (300-1000nm). The energy at each channel (R, S, T, U,
V, W) is calculated with a ±33nm bandwidth around the center wavelengths (610, 680, 730, 760, 810, 860nm).
Symbol
Parameter
Test Conditions
Channel
(nm)
Min
Typ
Max
Unit
RChannel R
Incandescent (2), (4)
610
35 (3),(4)
counts/
(μW/cm2)
SChannel S
Incandescent (2), (4)
680
35 (3),(4)
counts/
(μW/cm2)
TChannel T
Incandescent (2), (4)
730
35 (3),(4)
counts/
(μW/cm2)
UChannel U
Incandescent (2), (4)
760
35 (3),(4)
counts/
(μW/cm2)
VChannel V
Incandescent (2), (4)
810
35 (3),(4)
counts/
(μW/cm2)
WChannel W
Incandescent (2), (4)
860
35 (3),(4)
counts/
(μW/cm2)
FWHM
Full Width
Half Max
20
20
nm
Wacc
Wavelength
Accuracy
±5
nm
dark
Dark
Channel
Counts
GAIN=64,
TAMB=25°C
5
counts
f
Angle of
Incidence
On the sensors
±20.0
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com