Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 16 Page - ams AG

Part # AS7263
Description  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7263 Datasheet(HTML) 16 Page - ams AG

Back Button AS7263 Datasheet HTML 12Page - ams AG AS7263 Datasheet HTML 13Page - ams AG AS7263 Datasheet HTML 14Page - ams AG AS7263 Datasheet HTML 15Page - ams AG AS7263 Datasheet HTML 16Page - ams AG AS7263 Datasheet HTML 17Page - ams AG AS7263 Datasheet HTML 18Page - ams AG AS7263 Datasheet HTML 19Page - ams AG AS7263 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2016-Nov-25
AS7263 − Detailed Description
Temperature Sensor
The Temperature Sensor is constantly measuring the on-chip
temperature and enables temperature compensation proce-
dures.
Reset
Pulling down the RESN pin for longer than 100ms resets the
AS7263.
Figure 17:
Reset Circuit
Indicator LED
The LED, connected to pin LED_IND, can be used to indicate
programming progress of the device.
While programming the AS7263 via the external SD card the
indicator LED starts flashing (500ms pulses). When program-
ming is completed the indicator LED is switched off. The LED
(LED0) can be turned ON/OFF via AT commands or via I²C reg-
ister control. The LED sink current is programmable from 1mA,
2mA, 4mA and 8mA.
Electronic Shutter with LED_DRV Driver Control
There are two LED driver outputs that can be used to control
up to 2 LEDs. This will allow different wavelength light sources
to be used in the same system. The LED output sink currents are
programmable and can drive external LED sources: LED_IND
from 1mA, 2mA, 4mA and 8mA and LED_DRV from 12.5mA,
25mA, 50mA and 100mA. The sources can be turned off and on
via I²C registers control or AT commands and provides the de-
vice with an electronic shutter.
Reset
AS7263
CLE
RESN
Push > 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com