Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 30 Page - ams AG

Part # AS7263
Description  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7263 Datasheet(HTML) 30 Page - ams AG

Back Button AS7263 Datasheet HTML 26Page - ams AG AS7263 Datasheet HTML 27Page - ams AG AS7263 Datasheet HTML 28Page - ams AG AS7263 Datasheet HTML 29Page - ams AG AS7263 Datasheet HTML 30Page - ams AG AS7263 Datasheet HTML 31Page - ams AG AS7263 Datasheet HTML 32Page - ams AG AS7263 Datasheet HTML 33Page - ams AG AS7263 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-00] 2016-Nov-25
AS7263 − Detailed Description
In the Figure below, numeric values may be specified with no
leading prefix, in which case they will be interpreted as
decimals, or with a leading “0x” to indicate that they are
hexadecimal numbers, or with a leading “‘b” to indicate that
they are binary numbers. The commands are loosely grouped
into functional areas. Texts appearing between angle brackets
(‘<‘ and ‘>‘) are commands or response arguments. A carriage
return character, a linefeed character, or both may terminate
commands and responses. Note that any command that
encounters an error will generate the “ERROR” response shown,
for example, in the NOP command at the top of the first table,
but has been omitted elsewhere in the interest of readability
and clarity.
Figure 33:
AT Commands
Command
Response
Description / Parameters
Spectral Data per Channel
ATDATA
<R_value>,
<S_value>,
<T_value>,
<U_value>,
<V_value>,
<W_value> OK
Read R, S, T, U, V & W data. Returns comma-separated 16-bit
integers.
ATCDATA
<Cal_R_value>,
<Cal_S_value>,
<Cal_T_value>,
<Cal_U_value>,
<Cal_V_value>,
<Cal_W_value> OK
Read calibrated R, S, T, U, V & W data. Returns comma-separated
32-bit floating point values.
Sensor Configuration
ATINTTIME=<value>OK
Set sensor integration time. Values should be in the range [1...
255], with
integration time = <value> * 2.8ms.
ATINTTIME
<value> OK
Read sensor integration time, with
integration time = <value> * 2.8ms.
ATGAIN=<value>
OK
Set sensor gain: 0=1X, 1=3.7x, 2=16x, 3=64x
ATGAIN
<value>OK
Read sensor gain setting, returning 0, 1, 2, or 3 as defined
immediately above.
ATTEMP
<value>OK
Read temperature of chip in degree Celsius



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com