Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 14 Page - ams AG

Part # AS7263
Description  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7263 Datasheet(HTML) 14 Page - ams AG

Back Button AS7263 Datasheet HTML 10Page - ams AG AS7263 Datasheet HTML 11Page - ams AG AS7263 Datasheet HTML 12Page - ams AG AS7263 Datasheet HTML 13Page - ams AG AS7263 Datasheet HTML 14Page - ams AG AS7263 Datasheet HTML 15Page - ams AG AS7263 Datasheet HTML 16Page - ams AG AS7263 Datasheet HTML 17Page - ams AG AS7263 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-00] 2016-Nov-25
AS7263 − Detailed Description
Data Conversion Description
AS7263 spectral conversion is implemented via two photodi-
ode banks per device. Bank 1 consists of data from the S, T, U,
V photodiodes. Bank 2 consists of data from the R, T, U, W pho-
todiodes. Spectral conversion requires the integration time (IT
in ms) set to complete. If both photodiode banks are required
to complete the conversion, the 2nd bank requires an addition-
al IT ms. Minimum IT for a single bank conversion is 2.8 ms. If
data is required from all 6 photodiodes then the device must
perform 2 full conversions (2 x Integration Time).
The spectral conversion process is controlled with BANK Mode
settings as follows:
BANK Mode 0: Data will be available in registers S, T, U & V (R
and W registers will be zero)
BANK Mode 1: Data will be available in registers R, T, U & W (V
and W registers will be zero)
BANK Mode 2: Data will be available in registers R, S, T, U, V & W
When the bank setting is Mode 0, Mode 1, or Mode 2, the spec-
tral data conversion process operates continuously, with new
data available after each IT ms period. In the continuous modes,
care should be taken to assure prompt interrupt servicing so
that integration values from both banks are all derived from the
same spectral conversion cycle.
BANK Mode 3: Data will be available in registers R, S, T, U, V & W
in One-Shot mode
When the bank setting is Mode 3, the device operates in
One-Shot mode. Spectral conversion occurs only when bit 0 of
the control register (1SHOT ) is set to 1. The 1SHOT bit in the
control register is subsequently cleared by hardware at the
same time the DATA_RDY bit is set to 1 indicating the availability
of spectral conversion result data. The One-Shot mode is in-
tended for use when it is critical to ensure that spectral conver-
sion results are obtained contemporaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com