Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 29 Page - ams AG

Part # AS7263
Description  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7263 Datasheet(HTML) 29 Page - ams AG

Back Button AS7263 Datasheet HTML 25Page - ams AG AS7263 Datasheet HTML 26Page - ams AG AS7263 Datasheet HTML 27Page - ams AG AS7263 Datasheet HTML 28Page - ams AG AS7263 Datasheet HTML 29Page - ams AG AS7263 Datasheet HTML 30Page - ams AG AS7263 Datasheet HTML 31Page - ams AG AS7263 Datasheet HTML 32Page - ams AG AS7263 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
ams Datasheet
Page 29
[v1-00] 2016-Nov-25
Document Feedback
AS7263 − Detailed Description
Figure 31:
UART Protocol
AT Command Interface
The microprocessor interface to control the NIR Spectral_ID
Sensor is via the UART, using the AT Commands across the UART
interface.
The 6-channel Spectral _ID sensor provides a text-based serial
command interface borrowed from the “AT Command” model
used in early Hayes modems.
For example:
• Read DATA value: ATDATA
→ <data>OK
• Set the gain of the sensor to 1x: ATGAIN =0
→ OK
The “AT Command Interface Block Diagram”, shown below be-
tween the network interface and the core of the system, pro-
vides access to the Spectral_ID engine’s control and configura-
tion functions.
Figure 32:
AT Command Interface Block Diagram
Start Bit
TX
D0
D1
D2
D3
D4
D5
D6
D7
D0
D0
D1
D2
D3
D4
D5
D6
D7
D0
Tbit=1/Baude Rate
Stop Bit
Next Start
Sample Points
Start Bit detected
After Tbit/2: Sampling of Start Bit
After Tbit: Sampling of Data
RX
P
Parity Bit
P
Always Low
Always High
Even or odd
Data Bits
AT Command Interface
Spectral_ID
Engine
AT
Command
Interface
RX
uP
TX
AS726x
AT Command Interface
AT Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com