Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 1 Page - ams AG

Part # AS7263
Description  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7263 Datasheet(HTML) 1 Page - ams AG

  AS7263 Datasheet HTML 1Page - ams AG AS7263 Datasheet HTML 2Page - ams AG AS7263 Datasheet HTML 3Page - ams AG AS7263 Datasheet HTML 4Page - ams AG AS7263 Datasheet HTML 5Page - ams AG AS7263 Datasheet HTML 6Page - ams AG AS7263 Datasheet HTML 7Page - ams AG AS7263 Datasheet HTML 8Page - ams AG AS7263 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Nov-25
Document Feedback
AS7263
6-Channel NIR Spectral_ID Device with
Electronic Shutter and Smart Interface
The AS7263 is a digital 6-channel spectrometer for spectral
identification in the near IR (NIR) light wavelengths. AS7263
consists of 6 independent optical filters whose spectral re-
sponse is defined in the NIR wavelengths from approximately
600nm to 870nm with full-width half-max (FWHM) of 20nm. An
integrated LED driver with programmable current is provided
for electronic shutter applications.
The AS7263 integrates Gaussian filters into standard CMOS sil-
icon via Nano-optic deposited interference filter technology
and is packaged an LGA package that provides a built in aper-
ture to control the light entering the sensor array.
Control and Spectral data access is implemented through either
the I²C register set, or with a high level AT Spectral Command
set via a serial UART.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS7263, 6-Channel NIR
Spectral_ID Device with Electronic Shutter and Smart Interface
are listed below:
Figure 1:
Added Value of Using AS7263
Benefits
Features
• Compact 6-channel spectrometry solution
• 6 near-IR channels: 610nm, 680nm, 730nm, 760nm,
810nm and 860nm, each with 20nm FWHM
• Simple text-based command interface via UART,
or direct register read and write with interrupt
on sensor ready option on I²C
• UART or I²C slave digital Interface
• Lifetime-calibrated sensing with no drift over
time or temperature
• NIR filter set realized by silicon interference filters
• No additional signal conditioning required
• 16-bit ADC with digital access
• Electronic shutter control/synchronization
• Programmable LED drivers
• Low voltage operation
• 2.7V to 3.6V with I²C interface
• Small, robust package, with built-in aperture
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm,
-40°C to 85°C temperature range
General Description


Similar Part No. - AS7263

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS7263 OSRAM-AS7263 Datasheet
1Mb / 46P
6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
v4-00 2022-Nov-30
logo
ams-OSRAM AG
AS7263 AMSOSRAM-AS7263 Datasheet
1Mb / 46P
6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
2022-Nov-30
logo
OSRAM GmbH
AS7263-BLGM OSRAM-AS7263-BLGM Datasheet
1Mb / 46P
6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
v4-00 2022-Nov-30
logo
ams-OSRAM AG
AS7263-BLGM AMSOSRAM-AS7263-BLGM Datasheet
1Mb / 46P
6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
2022-Nov-30
logo
OSRAM GmbH
AS7263-BLGT OSRAM-AS7263-BLGT Datasheet
1Mb / 46P
6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
v4-00 2022-Nov-30
More results

Similar Description - AS7263

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9251 HAMAMATSU-S9251 Datasheet
75Kb / 2P
Si APD High sensitivity in near IR range
logo
Espros Photonics corp
EPC-BP860NM EPC-EPC-BP860NM Datasheet
135Kb / 4P
Optical IR Bandpass Filter 860nm
logo
3M Electronics
IR900 3M-IR900 Datasheet
26Kb / 1P
Reflects near IR heat with minimal reduction of visible light transmission
logo
Hamamatsu Corporation
S12028_KPIN1083E01 HAMAMATSU-S12028_KPIN1083E01 Datasheet
575Kb / 3P
Enhanced near IR sensitivity, using a MEMS
logo
List of Unclassifed Man...
VTT7222H ETC2-VTT7222H Datasheet
275Kb / 3P
Low-cost visible and near-IR photodetection
logo
ON Semiconductor
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
6 Channels PMIC
August, 2014 ??Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
SFH551-1 AVAGO-SFH551-1 Datasheet
84Kb / 5P
Sensitive in visible and near IR range
logo
ams AG
AS7262 AMSCO-AS7262 Datasheet
677Kb / 47P
6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
logo
OSRAM GmbH
SFH4780S OSRAM-SFH4780S Datasheet
454Kb / 13P
IR OSLUX (810nm) - 20
logo
Maxim Integrated Produc...
MAX5861EVKIT MAXIM-MAX5861EVKIT Datasheet
6Mb / 64P
Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com