Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 44 Page - ams AG

Part # AS7263
Description  6 near-IR channels: 610nm, 680nm, 730nm, 760nm, 810nm and 860nm, each with 20nm FWHM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7263 Datasheet(HTML) 44 Page - ams AG

Back Button AS7263 Datasheet HTML 37Page - ams AG AS7263 Datasheet HTML 38Page - ams AG AS7263 Datasheet HTML 39Page - ams AG AS7263 Datasheet HTML 40Page - ams AG AS7263 Datasheet HTML 41Page - ams AG AS7263 Datasheet HTML 42Page - ams AG AS7263 Datasheet HTML 43Page - ams AG AS7263 Datasheet HTML 44Page - ams AG AS7263 Datasheet HTML 45Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-00] 2016-Nov-25
AS7263 − Content Guide
1
General Description
1
Key Benefits & Features
2
Applications
2
Block Diagram
3
Pin Assignment
5Absolute Maximum Ratings
6
Electrical Characteristics
8
Timing Characteristics
11
Optical Characteristics
12
Typical Operating Characteristics
13
Detailed Description
13
6-Channel NIR Spectral_ID Detector
14
Data Conversion Description
15
RC Oscillator
16
Temperature Sensor
16
Reset
16
Indicator LED
16
Electronic Shutter with LED_DRV Driver Control
17
Interrupt Operation
17
I²C Slave Interface
17
I²C Feature List
18
I²C Virtual Register Write Access
20
I²C Virtual Register Read Access
21
I²C Virtual Register Set
22
Detailed Register Description
27
4-Byte Floating-Point (FP) Registers
28
UART Interface
28
UART Feature List
28
Theory of Operation
28
Transmission
28
Reception
29
AT Command Interface
32
Application Information
33
Package Drawings & Markings
34
PCB Pad Layout
35
Mechanical Data
36
Storage & Soldering Information
36
Soldering Information
37
Manufacturing Process Considerations
37
Storage Information
37
Moisture Sensitivity
37
Shelf Life
38
Floor Life
38
Rebaking Instructions
39
Ordering & Contact Information
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com