Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0708 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Datasheet(HTML) 5 Page - Samsung semiconductor

  KS0708 Datasheet HTML 1Page - Samsung semiconductor KS0708 Datasheet HTML 2Page - Samsung semiconductor KS0708 Datasheet HTML 3Page - Samsung semiconductor KS0708 Datasheet HTML 4Page - Samsung semiconductor KS0708 Datasheet HTML 5Page - Samsung semiconductor KS0708 Datasheet HTML 6Page - Samsung semiconductor KS0708 Datasheet HTML 7Page - Samsung semiconductor KS0708 Datasheet HTML 8Page - Samsung semiconductor KS0708 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
5
M/M-96-D001
97-09-19
PAD DESCRIPTION
Power Supply
Name
I/O
Description
VDD
Supply
Power supply
VSS
Supply
Ground
VEE
Supply
For LCD driver circuit
V0, V1
V2, V3
V4, V5
Supply
LCD driver supply voltages
The voltages must satisfy the following relationship
VDD ¡Ã V0 ¡Ã V1 ¡Ã V2 ¡Ã V3 ¡Ã V4 ¡Ã V5 ¡Ã VEE
Name
I/O
Description
C
CR
R
O
I
O
RC Oscillator
¥¡) Internal clock
¥¢) External clock
FS
I
Frequency Selection
When the frame frequency is 70Hz, the oscillation frequency should be as
following table.
Oscillator
KS0708
C
R
CR
Rf : 47k¥Ø
Cf : 20pF
Cf
Rf
KS0708
CR
C
R
OPEN
Open
FS
- Oscillation Frequency
1
fose = 430 kHz
0
fosc = 215kHz
External
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com