Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0708 Datasheet(PDF) 26 Page - Samsung semiconductor

Part # KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Datasheet(HTML) 26 Page - Samsung semiconductor

Back Button KS0708 Datasheet HTML 19Page - Samsung semiconductor KS0708 Datasheet HTML 20Page - Samsung semiconductor KS0708 Datasheet HTML 21Page - Samsung semiconductor KS0708 Datasheet HTML 22Page - Samsung semiconductor KS0708 Datasheet HTML 23Page - Samsung semiconductor KS0708 Datasheet HTML 24Page - Samsung semiconductor KS0708 Datasheet HTML 25Page - Samsung semiconductor KS0708 Datasheet HTML 26Page - Samsung semiconductor KS0708 Datasheet HTML 27Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
26
M/M-96-D001
97-09-19
AC Characteristics
Mode
Item
Symbol
Min
Typ
Max
Unit
Write Mode
(Refer to
Figure 9)
E Cycle Time
tc
1000
-
-
ns
E Rise / Fail Time
tr, tf
-
-
25
E Pulse Width(High, Low)
tw
450
-
-
RW and RS Setup Time
tsu1
140
-
-
RW and RS Hold Time
th1
10
-
-
Data Setup Time
tsu2
200
-
-
Data Hold Time
th2
10
-
-
Read Mode
(Refer to
Figure 10)
E Cycle Time
tc
1000
-
-
ns
E Rise / Fall Time
tr,tf
-
-
25
E Pulse Width (High, Low)
tw
450
-
-
Rw and Rs Setup Time
tsu
140
-
-
RW and RS Hold Time
th
10
-
-
Data Output Delay Time
tD
-
-
320
Data Hold Time
tDH
20
-
-
(VDD = 4.5 to 5.5V, Ta = -30 to +85 ¡É)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com