Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0708 Datasheet(PDF) 16 Page - Samsung semiconductor

Part # KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button KS0708 Datasheet HTML 12Page - Samsung semiconductor KS0708 Datasheet HTML 13Page - Samsung semiconductor KS0708 Datasheet HTML 14Page - Samsung semiconductor KS0708 Datasheet HTML 15Page - Samsung semiconductor KS0708 Datasheet HTML 16Page - Samsung semiconductor KS0708 Datasheet HTML 17Page - Samsung semiconductor KS0708 Datasheet HTML 18Page - Samsung semiconductor KS0708 Datasheet HTML 19Page - Samsung semiconductor KS0708 Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
16
M/M-96-D001
97-09-19
INSTRUCTION DESCRIPTION
Instruction Table
Instruction
RS
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Function
Read display data
1
1
Read data
Reads data (DB[0:7])
from display data RAM to
the data bus.
Write display data
1
0
Write data
Writes data(DB[0:7]) into
display data RAM. After
writing instruction, column
address is incremented by
1 automatically.
Status Read
0
1
BUSY
0
ON/
OFF
RE-
SET
0
0
0
0
Reads status
BUSY
-0 : Ready
-1 : In operation
ON/OFF
-0 : Display ON
-1 : Display OFF
RESET
-0 : Normal
-1 : Reset
Set Column Address
0
0
0
1
Column address (0 ~ 63)
Sets the Column address
at the Column address
counter
Set Display Start Line
0
0
1
1
Display Start Line (0 ~ 63)
Indicates the display data
RAM displayed at the top
of the screen.
Set Page Address
0
0
1
0
1
1
1
Page (0 ~ 7)
Sets the Page address at
the Page address register.
Display ON/OFF
0
0
0
0
1
1
1
1
1
0/1
Controls the display on or
off. Internal status and
display RAM data is not
affected.
L:OFF, H:ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com