Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0708 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Datasheet(HTML) 1 Page - Samsung semiconductor

  KS0708 Datasheet HTML 1Page - Samsung semiconductor KS0708 Datasheet HTML 2Page - Samsung semiconductor KS0708 Datasheet HTML 3Page - Samsung semiconductor KS0708 Datasheet HTML 4Page - Samsung semiconductor KS0708 Datasheet HTML 5Page - Samsung semiconductor KS0708 Datasheet HTML 6Page - Samsung semiconductor KS0708 Datasheet HTML 7Page - Samsung semiconductor KS0708 Datasheet HTML 8Page - Samsung semiconductor KS0708 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
1
M/M-96-D001
97-09-19
INTRODUCTION
KS0708 is a single-chip LCD driver LSI for liquid crystal dot-matrix graphic display systems. It incorporates
192 driver circuit for 64 commom and 128 segment and 64x128-bit bit-map RAM. It is capable of interfac-
ing with the microprocessor, accepting 8-bit parallel display data directly from it, and storing data in an
onechip Display Data RAM. And it generates internal signals for using LCD driving independent of micro-
processor clock.
FEATURES
¡Ü 64-Channel COMMON & 128-Channel SEGMENT Driver for DOT matrix LCD
¡Ü On-chip display data RAM : 64 X 128 = 8192bits
¡Ü Display data is stored in display data RAM from MPU
- RAM bit data : ON(1), OFF(0)
¡Ü Internal timing generator circuit for dynamic display
¡Ü 8-bit parallel bi-directional data bus
¡Ü Applicable LCD duty : 1/64
¡Ü Power supply voltages : Power supply voltage range : 4.5 ~ 5.5 V(VDD)
LCD Driving voltage range
: 8.0 ~ 17.0 V(VLCD = VDD - VEE)
¡Ü Wide operating temperature range : Ta = -30 ¡É ~ 85¡É
¡Ü High Voltage CMOS process
¡Ü Package : available bumped chip


Similar Part No. - KS0708

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS070-AL DFI-KS070-AL Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALE39P DFI-KS070-ALE39P Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALN33P DFI-KS070-ALN33P Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALN33R DFI-KS070-ALN33R Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-BT DFI-KS070-BT Datasheet
1Mb / 4P
Intel Atom® E3800 Series 7" Light Industrial Touch Panel PC
More results

Similar Description - KS0708

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0708 SAMSUNG-S6B0708 Datasheet
288Kb / 29P
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
Dot Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
DOT MATRIX LCD DRIVER
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
Dot-matrix LCD Drivers
logo
Anpec Electronics Corop...
APU0063 ANPEC-APU0063 Datasheet
113Kb / 11P
80CH DRIVER FOR DOT MATRIX LCD
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
Dot-Matrix LCD Drivers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com