Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0708 Datasheet(PDF) 25 Page - Samsung semiconductor

Part # KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button KS0708 Datasheet HTML 19Page - Samsung semiconductor KS0708 Datasheet HTML 20Page - Samsung semiconductor KS0708 Datasheet HTML 21Page - Samsung semiconductor KS0708 Datasheet HTML 22Page - Samsung semiconductor KS0708 Datasheet HTML 23Page - Samsung semiconductor KS0708 Datasheet HTML 24Page - Samsung semiconductor KS0708 Datasheet HTML 25Page - Samsung semiconductor KS0708 Datasheet HTML 26Page - Samsung semiconductor KS0708 Datasheet HTML 27Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
25
M/M-96-D001
97-09-19
Electrical Characteristics
DC Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Note
Operating Voltage
VDD
-
4.5
-
5.5
V
Input High Voltage
VIH1
-
0.7VDD
-
VDD
*1
VIH2
-
2.0
-
VDD
*2
Input Low Voltage
VIL1
-
0
-
0.3VDD
*1
VIL2
-
0
-
0.8
*2
Output High Voltage
VOH
IOH = -200uA
2.4
-
-
*3
Output Low Voltage
VOL
IOL = 1.6mA
-
-
0.4
Input Leakage Current
ILKG
VIN = VSS ~ VDD
-1.0
-
+1.0
uA
*4
Tri-state Leakage Current
ITSL
VIN = VSS ~ VDD
-5.0
-
+5.0
*5
Driver Input Leakage Current
IDLKG
VIN = VEE ~ VDD
-10
-
+10
*6
Operating Current
IDD1
During Display
-
-
0.8
mA
*7
IDD2
During Access
-
-
1.0
*8
On resistance
COM
RONC
VDD - VEE = 17V
¡¾ILOAD = 0.1mA
-
-
1.5
k§Ù
*9
SEG
RONS
-
-
7.5
*10
Oscillation frequency
fosc
Ta=25¡É, VDD=5V
Rf = 47k§Ù ¡¾ 2%
Cf = 20pF ¡¾ 5%
315
450
585
KHz
Note :
*1. FS, CR, ADC, SHL, PCLK2, RESETB
*2. CS1B, CS2B, E, RW, RS, DB0 ~ DB7
*3. DB0 ~ DB7
*4. Excepted DB0 ~ DB7
*5. DB0 ~ DB7 at High Impedence
*6. V0, V1, V2, V3, V4, V5
*7. C = 20pF, R = 47 k §Ù, fose = 450 KHz, DB0 ~ DB7 = VDD, Output = No Load
*8. Excepted Clock = 430KHz, RAM Access Cycle = 1MHz
*9. V0 = 5V, V1 = 3.2V, V2 = 1.4V, V3 = -8.4V, V4 = -10.2V, V5 = -12V, C1 ~ C64
*10. V0 = 5V, V1 = 3.2V, V2 = 1.4V, V3 = -8.4V, V4 = -10.2V, V5 = -12V, S1 ~ S128
(VDD = 4.5 ~ 5.5V, Ta = -30 ~ +85 ¡É)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com