Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0708 Datasheet(PDF) 15 Page - Samsung semiconductor

Part # KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button KS0708 Datasheet HTML 11Page - Samsung semiconductor KS0708 Datasheet HTML 12Page - Samsung semiconductor KS0708 Datasheet HTML 13Page - Samsung semiconductor KS0708 Datasheet HTML 14Page - Samsung semiconductor KS0708 Datasheet HTML 15Page - Samsung semiconductor KS0708 Datasheet HTML 16Page - Samsung semiconductor KS0708 Datasheet HTML 17Page - Samsung semiconductor KS0708 Datasheet HTML 18Page - Samsung semiconductor KS0708 Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
15
M/M-96-D001
97-09-19
LCD Driver
LCD driver circuit has 192 outputs of 128 segment outputs, 64 common outputs for LCD driving.
Each common output has a shift register. LCD driving output voltage is determined by the combination of
display data and internal AC signal.
Display Data
Common output
Segment output
0
V1
V2
V4
V3
1
V5
V0
V0
V5
Display OFF
-
V2 or V3
Table 4. Relationship between data for each input signal and the LCD drive output.
Reset Circuit
Reset function can initialize system by setting RESETB terminal at Low level. When RESETB becomes
low, following procedure occurs.
- Display start line : 0(First)
- Display ON/OFF : OFF
While RESETB is in Low level, no instruction except Status Read can be accepted. Reset status appears
at DB4. Refers to Read Status of ¢©INSTRUCTION DESCRIPTION ¢©.
The conditions of power supply at initial power up are shown in table 3.
Item
Symbol
Min
Typ
Max
Unit
Reset time
tRESETB
1.0
-
-
us
Rise time
tr
-
-
200
ns
Table 5. Power supply initial Conditions.
tr
VDD
RESETB
tRESETB
0.7VDD
0.3VDD
Figure 6. Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com