Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0708 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KS0708 Datasheet HTML 2Page - Samsung semiconductor KS0708 Datasheet HTML 3Page - Samsung semiconductor KS0708 Datasheet HTML 4Page - Samsung semiconductor KS0708 Datasheet HTML 5Page - Samsung semiconductor KS0708 Datasheet HTML 6Page - Samsung semiconductor KS0708 Datasheet HTML 7Page - Samsung semiconductor KS0708 Datasheet HTML 8Page - Samsung semiconductor KS0708 Datasheet HTML 9Page - Samsung semiconductor KS0708 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
6
M/M-96-D001
97-09-19
Microprocessor Interface
Name
I/O
Description
CS1B
I
First Chip(S1 ~ S64) Select input.
Data input/output is enabled via E, RS, RW, and DB[0:7]when CS1B = Low.
CS2B
I
Second Chip(S65 ~ S128) Select input.
Data input/output is enabled via E, RS, RW, and DB[0:7] when CS2B = Low.
RS
I
Register Selection
- HIGH : The data in DB[7:0] is display data
- LOW : The data in DB[7:0] is control data
RW
I
Read or Write
E
Enable signal.
DB0 ~ DB7
I/0
Data Bus [0 ~ 7]
- Bi-directional data bus
RW
Description
H
Data appears at DB< 7:0 > when E = High.
L
Display data DB < 7:0 > can be written at falling edge of E.
RW
Description
H
Read data in DB< 7:0 > appears the while E is high level.
L
Display data DB < 7:0 > is latched at falling edge of E.
Name
I/O
Description
RESETB
I
Reset input
- Chip is initialized when RESETB is LOW
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com