Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SHT35
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT35 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SHT35 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 13Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 14Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 15Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
12/20
Interface Reset
If communication with the device is lost, the following
signal sequence will resetthe serial interface:While
leaving SDA high,toggle SCL nine or more times.This
mustbe followed by a Transmission Start sequence
preceding the nextcommand.This sequence resets the
interface only. The status register preserves its content.
Soft Reset / Re-Initialization
The SHT3x-DIS provides a soft reset mechanism that
forces the system into a well-defined state without
removing the power supply. When the system is in idle
state the soft reset command can be sentto the SHT3x-
DIS. This triggers the sensor to reset its system
controller and reloads calibration data from the memory.
In order to start the soft reset procedure the command
as shown in Table 13 should be sent.
It is worth noting that the sensor reloads calibration data
prior to every measurementby default.
Command
Hex Code
Soft Reset
0x30A2
Table 13 Soft reset command (Clear blocks are controlled
by the microcontroller, grey blocks by the sensor).
Reset through General Call
Additionally, a reset of the sensor can also be generated
using the “general call” mode according to I2C-bus
specification12. This generates a reset which is
functionally identical to using the nReset pin. It is
important to understand that a reset generated in this
way is not device specific. All devices on the same I2C
bus that support the general call mode will perform a
reset. Additionally, this command only works when the
sensor is able to process I2C commands. The
appropriate command consists of two bytes and is
shown in Table 14.
Reset through the nReset Pin
Pulling the nReset pin low (see Table 6) generates a
reset similar to a hard reset. The nResetpin is internally
connected to VDD through a pull-up resistor and hence
active low. The nReset pin has to be pulled low for a
minimum of 1 µs to generate a reset of the sensor.
Command
Code
Address byte
0x00
Second byte
0x06
Reset command using the
general call address
0x0006
Table 14 Reset through the general call address (Clear
blocks are controlled by the microcontroller, grey blocks by
the sensor).
Hard Reset
A hard reset is achieved by switching the supply voltage
to the VDD Pin off and then on again.In order to prevent
powering the sensor over the ESD diodes,the voltage to
pins 1 (SDA), 4 (SCL) and 2 (ADDR) also needs to be
removed.
4.10 Heater
The heater can be switched on and offbycommand,see
table below. The status is listed in the status register.
After a reset the heater is disabled (defaultcondition).
Command
Hex Code
MSB
LSB
Heater Enable
0x30
6D
Heater Disabled
66
Table 15 Heater command (Clear blocks are controlled by
the microcontroller, grey blocks by the sensor).
4.11 Status Register
The status register contains information on the
operational status of the heater, the alert mode and on
the execution status of the last command and the last
write sequence. The command to read out the status
register is shown in Table 16 whereas a description of
the contentcan be found in Table 17.
S General Call Address
1
2
3
4
5
6
7
8
9
Reset Command
1
2
3
4
5
6
7
8
9
General Call 1st byte
General Call 2nd byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com