Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT35
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT35 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.sensirion.com
August 2016 - Version 3
1/20
Datasheet SHT3x-DIS
Humidity and Temperature Sensor
Fully calibrated, linearized, and temperature
compensated digital output
Wide supply voltage range, from 2.4 V to 5.5 V
I2C Interface with communication speeds up to 1
MHz and two user selectable addresses
Typical accuracy of
 1.5 % RH and  0.2 °C for
SHT35
Very fast start-up and measurement time
Tiny 8-Pin DFN package
Product Summary
SHT3x-DIS is the next generation of Sensirion’s
temperature and humidity sensors. It builds on a new
CMOSens® sensor chip thatis atthe heartofSensirion’s
new humidityand temperatureplatform.The SHT3x-DIS
has increased intelligence, reliability and improved
accuracyspecifications compared to its predecessor.Its
functionality includes enhanced signal processing, two
distinctive and user selectable I2C addresses and
communication speeds of up to 1 MHz. The DFN
package has a footprint of 2.5 x 2.5 mm2 while keeping
a height of 0.9 mm. This allows for integration of the
SHT3x-DIS into a great variety of applications.
Additionally, the wide supply voltage range of 2.4 V to
5.5 V guarantees compatibility with diverse assembly
situations. All in all, the SHT3x-DIS incorporates 15
years of knowledge of Sensirion, the leader in the
humiditysensor industry.
Benefits of Sensirion’s CMOSens® Technology
High reliabilityand long-term stability
Industry-proven technology with a track record of
more than 15 years
Designed for mass production
High process capability
High signal-to-noise ratio
Content
1
Sensor Performance..................................................2
2
Specifications..............................................................6
3
Pin Assignment...........................................................8
4
Operation and Communication................................9
5
Packaging..................................................................15
6
Shipping Package....................................................17
7
Quality........................................................................18
8
Ordering Information................................................18
Figure 1 Functional block diagram of the SHT3x-DIS. The
sensor signals for humidity and temperature are factory
calibrated, linearized and compensated for temperature
and supply voltage dependencies.
nRESET
Alert
SDA SCL
ADDR
Power on
Reset
Alert Logic
RESET
Digital Interface
RH Sensor
T Sensor
Data processing
& Linearization
ADC
ADC
Calibration
Memory
VSS
VDD
VSS
VDD


Similar Part No. - SHT35

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT35-DIS SENSIRION-SHT35-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
SHT35-DIS-B10KS SENSIRION-SHT35-DIS-B10KS Datasheet
796Kb / 22P
Humidity and Temperature Sensor
December 2022 - Version 7
SHT35-DIS-B2.5KS SENSIRION-SHT35-DIS-B2.5KS Datasheet
796Kb / 22P
Humidity and Temperature Sensor
December 2022 - Version 7
More results

Similar Description - SHT35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
Calibrated and temperature compensated digital output
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
Fully calibrated & temperature compensated
STS30 ETC2-STS30 Datasheet
886Kb / 17P
Fully calibrated and linearized digital output
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
Fully calibrated and temperature compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com