Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SHT35
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT35 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SHT35 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
6/20
1.1
Recommended Operating Condition
The sensor shows bestperformance whenoperated within recommended normal temperature and humidityrange of 5 °C
– 60 °C and 20 %RH – 80 %RH, respectively. Long-term exposure to conditions outside normal range,especiallyat high
humidity, may temporarily offset the RH signal (e.g. +3%RH after 60h kept at >80%RH). After returning into the normal
temperature and humidity range the sensor will slowly come back to calibration state by itself. Prolonged exposure to
extreme conditions mayaccelerate ageing.To ensurestable operation ofthe humiditysensor, the conditions describedin
the document “SHTxx Assembly of SMD Packages”, section “Storage and Handling Instructions” regarding exposure to
volatile organic compounds have to be met. Please note as well that this does apply not only to transportation and
manufacturing,butalso to operation of the SHT3x-DIS.
2 Specifications
2.1
Electrical Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units Comments
Supply voltage
VDD
2.4
3.3
5.5
V
Power-up/down level
VPOR
2.1
2.3
2.4
V
Slew rate change of the
supply voltage
VDD,slew
-
-
20
V/ms
Voltage changes on the
VDD line between
VDD,min and VDD,max
should be slower than
the maximum slew rate;
faster slew rates may
lead to reset;
Supply current
IDD
idle state
(single shot mode)
-
0.2
2.0
A
Current when sensor is
not performing a
measurement during
single shot mode
idle state
(periodic data
acquisition mode)
-
45
70
A
Current when sensor is
not performing a
measurement during
periodic data acquisition
mode
Measuring
-
800
1500
A
Current consumption
while sensor is
measuring
Average
-
2
-
A
Current consumption
(operation with one
measurement per
second at lowest
repeatability, single shot
mode)
Alert Output driving
strength
IOH
0.8x VDD 1.5x VDD
2.1x VDD
mA See also section 3.5
Heater power
PHeater
Heater running
4.5
-
33
mW
Depending on the
supply voltage
Table 3 Electrical specifications, valid at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com