Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SHT35
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT35 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SHT35 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 13Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
10/20
Condition
Hex. code
Repeatability
Clock
stretching
MSB
LSB
High
enabled
0x2C
06
Medium
0D
Low
10
High
disabled
0x24
00
Medium
0B
Low
16
e.g. 0x2C06: high repeatability measurement with clock
stretching enabled
Table 8 Measurement commands in single shot mode (Clear
blocks are controlled by the microcontroller, grey blocks by
the sensor).
4.4
Readout of Measurement Results for
Single Shot Mode
After the sensor has completed the measurement, the
master can read the measurement results (pair of RH&
T) by sending a START condition followed by an I2C
read header.The sensor will acknowledge the reception
of the read header and send two bytes of data
(temperature) followed by one byte CRC checksum and
another two bytes of data (relative humidity) followed by
one byte CRC checksum. Each byte must be
acknowledged by the microcontroller with an ACK
condition for the sensor to continue sending data. If the
sensor does not receive an ACK from the master after
any byte of data, it will not continue sending data.
The sensor will send the temperature value firstand then
the relative humidity value. After having received the
checksum for the humidity value a NACK and stop
condition should be sent(see Table 8).
The I2C master can abortthe read transfer with a NACK
condition after any data byte if it is not interested in
subsequent data, e.g. the CRC byte or the second
measurementresult,in order to save time.
In case the user needs humidity and temperature data
but does not want to process CRC data, it is
recommended to read the two temperature bytes of data
with the CRC byte (without processing the CRC data);
after having read the two humidity bytes, the read
transfer can be aborted with a with a NACK.
No Clock Stretching
When a command without clock stretching has been
issued, the sensor responds to a read header with a not
acknowledge (NACK),if no data is present.
Clock Stretching
When a commandwith clock stretchinghas been issued,
the sensor responds to a read header with an ACK and
subsequently pulls down the SCL line. The SCL line is
pulled down until the measurementis complete.As soon
as the measurement is complete, the sensor releases
the SCL line and sends the measurementresults.
4.5
Measurement Commands for Periodic
Data Acquisition Mode
In this mode one issued measurementcommand yields
a stream of data pairs. Each data pair consists ofone 16
bit temperature and one 16 bit humidity value (in this
order).
In periodic mode differentmeasurementcommands can
be selected. The corresponding 16 bit commands are
shown in Table 9.Theydiffer with respectto repeatability
(low, medium and high) and data acquisition frequency
(0.5, 1,2, 4 & 10 measurements per second,mps).Clock
stretching cannotbe selected in this mode.
The data acquisition frequency and the repeatability
setting influences the measurement duration and the
current consumption of the sensor. This is explained in
section 2 of this datasheet.
If a measurement command is issued, while the sensor
is busy with a measurement (measurement durations
see Table 4), it is recommended to issue a break
command first (see section 4.8). Upon reception of the
break command the sensor will finish the ongoing
measurement and enter the single shot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com