Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHT35
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT35 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHT35 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
2/20
1 Sensor Performance
Humidity Sensor Specification
Parameter
Condition
Value
Units
SHT30 Accuracy tolerance1
Typ.
3
% RH
Max.
Figure 2
-
SHT31 Accuracy tolerance1
Typ.
2
% RH
Max.
Figure 3
-
SHT35 Accuracy tolerance1
Typ.
±1.5
% RH
Max.
Figure 4
-
Repeatability2
Low
0.25
% RH
Medium
0.15
% RH
High
0.10
% RH
Resolution
Typ.
0.01
% RH
Hysteresis
at 25°C
0.8
% RH
Specified range3
extended4
0 to 100
% RH
Response time5
63%
86
s
Long-term drift
Typ.7
<0.25
% RH/yr
Table 1 Humidity sensor specification.
Temperature Sensor Specification
Parameter
Condition
Value
Units
SHT30 Accuracy tolerance1
typ., 0°C to 65°C
0.3
°C
SHT31 Accuracy tolerance1
typ., -40°C to 90°C
0.3
°C
SHT35 Accuracy tolerance1
typ., -40°C to 90°C
±0.2
°C
Repeatability2
Low
0.24
°C
Medium
0.12
°C
High
0.06
°C
Resolution
Typ.
0.015
°C
Specified Range
-
-40 to 125
°C
Response time 8
63%
>2
s
Long Term Drift
max
<0.03
°C/yr
Table 2 Temperature sensor specification.
1 For definition of ty pical and maximum accuracy tolerance, pleaserefer to the document “Sensirion Humidity Sensor Specification Statement”.
2 The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurements at the stated repeatability and at constant ambient conditions. It
is a measure for the noise on the phy sical sensor output. Different measurement modes allow for high/medium/low repeatability.
3 Specified range refers to the range for w hich the humidity or temperature sensor specification is guaranteed.
4 For details about recommended humidity and temperature operating range, please refer to section 1.1.
5 Time for achiev ing63% of a humidity step function, valid at 25°C and 1m/s airflow. Humidity response time in the application depends on the design-in of the sensor.
6 With activ ated ART function (seesection 4.7) the response time can be improved by a factor of 2.
7 Ty pical value for operation in normal RH/T operating range, see section 1.1. Maximum value is < 0.5 %RH/yr. Higher drift values might occur due to contaminant
env ironments with vaporized solvents, out-gassing tapes, adhesives, packagingmaterials, etc. For more details please refer to Handling Instructions.
8 Temperature response times strongly depend on the ty pe of heat ex change, the av ailable sensor surface and the design environment of the sensor in the final
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com