Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SHT35
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT35 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SHT35 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
9/20
Please note that the I2C address is represented through
the 7 MSBs of the I2C read or write header. The LSB
switches between read or write header. The wiring for
the default address is shown in Table 7 and Figure 11.
The ADDR pin mustnot be left floating. Please note that
only the 7 MSBs of the I2C Read/Write header constitute
the I2C Address.
SHT3x-DIS I2C Address in Hex.
representation
Condition
I2C address A
0x44 (default)
ADDR (pin 2)
connected to VSS
I2C address B
0x45
ADDR (pin 2)
connected to VDD
Table 7 I2C device addresses.
3.5
ALERT Pin
The alertpin may be used to connectto the interrupt pin
of a microcontroller. The output of the pin depends on
the value of the RH/T reading relative to programmable
limits. Its function is explained in a separate application
note. If not used, this pin must be left floating. The pin
switches high, when alert conditions are met. The
maximum driving loads are listed in Table 3. Be aware
that self-heating mightoccur,depending on the amount
of currentthatflows. Self-heating can be prevented ifthe
Alert Pin is only used to switch a transistor.
3.6
nRESET Pin
The nReset pin may be used to generate a reset of the
sensor. A minimum pulse duration of 1 µs is required to
reliably trigger a reset of the sensor. Its function is
explained in more detail in section 4. If not used it is
recommended to leave the pin floating.
4 Operation and Communication
The
SHT3x-DIS supports I2C fast mode (and
frequencies up to 1000 kHz). Clock stretching can be
enabled and disabled through the appropriate user
command.For detailed information on the I2C protocol,
refer to NXP I2C-bus specification12.
All SHT3x-DIS commands and data are mapped to a 16-
bit address space.Additionally, data and commands are
protected with a CRC checksum. This increases
communication reliability. The 16 bits commands to the
sensor alreadyinclude a 3 bitCRC checksum.Data sent
from and received by the sensor is always succeeded by
an 8 bit CRC.
In write direction it is mandatory to transmit the
checksum, since the SHT3x-DIS only accepts data if it
12
http://www.nxp.com/documents/user_manual/UM10204.pd f
is followed by the correct checksum. In read direction it
is left to the master to read and process the checksum.
4.1
Power-Up and Communication Start
The sensor starts powering-up after reaching the power-
up threshold voltage VPOR specified in Table 3. After
reaching this threshold voltage the sensor needs the
time tPU to enter idle state. Once the idle state is entered
it is ready to receive commands from the master
(microcontroller).
Each transmission sequence begins with a START
condition (S) and ends with a STOP condition (P) as
described in the I2C-bus specification. The stop
condition is optional. Whenever the sensor is powered
up, but not performing a measurement or
communicating, it automatically enters idle state for
energysaving. This idle state cannotbe controlled bythe
user.
4.2
Starting a Measurement
A measurementcommunication sequence consists of a
START condition,the I2C write header (7-bit I2C device
address plus 0 as the write bit) and a 16-bit
measurement command. The proper reception of each
byte is indicated by the sensor. It pulls the SDA pin low
(ACK bit) after the falling edge of the 8th SCL clock to
indicate the reception.A complete measurementcycleis
depicted in Table 8.
With the acknowledgement of the measurement
command, the SHT3x-DIS starts measuring humidity
and temperature.
4.3
Measurement Commands for Single Shot
Data Acquisition Mode
In this mode one issued measurement command
triggers the acquisition of one data pair. Each data pair
consists of one 16 bit temperature and one 16 bit
humidity value (in this order). During transmission each
data value is always followed by a CRC checksum,see
section 4.4.
In single shot mode different measurement commands
can be selected. The 16 bit commands are shown in
Table 8. They differ with respect to repeatability (low,
medium and high) and clock stretching (enabled or
disabled).
The repeatability setting influences the measurement
duration and thus the overall energy consumption ofthe
sensor. This is explained in section 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com