Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT35 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SHT35
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT35 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SHT35 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT35 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
8/20
3
Pin Assignment
The SHT3x-DIS comes in a tiny 8-pin DFN package –
see Table 6.
Pin
Name
Comments
1
SDA
Serial data; input / output
2
ADDR
Address pin; input; connect to either
logic high or low, do not leave floating
3
ALERT
Indicates alarm condition; output; must
be left floating if unused
4
SCL
Serial clock; input / output
5
VDD
Supply voltage; input
6
nRESET
Reset pin active low; input; if not used it
is recommend to be left floating
7
R
No electrical function; to be connected
to VSS
8
VSS
Ground
Table 6 SHT3x-DIS pin assignment (transparent top view).
Dashed lines are only visible if viewed from below. The die
pad is internally connected to VSS.
3.1
Power Pins (VDD, VSS)
The electrical specifications of the SHT3x-DIS are
shown in Table 3. The power supply pins must be
decoupled with a 100 nF capacitor that shall be placed
as close to the sensor as possible – see Figure 11 for a
typical application circuit.
3.2
Serial Clock and Serial Data (SCL, SDA)
SCL is used to synchronize the communication between
microcontroller and the sensor.The clock frequencycan
be freely chosen between 0 to 1000 kHz. Commands
with clock stretching according to I2C Standard11 are
supported.
The SDA pin is used to transfer data to and from the
sensor. Communication with frequencies up to 400 kHz
must meet the I2C Fast Mode11 standard.
Communication frequencies up to 1 Mhz are supported
following the specifications given in Table 20.
11
http://www.nxp.com/documents/user_manual/UM10204.pd f
Both SCL and SDA lines are open-drain I/Os with diodes
to VDD and VSS. Theyshould be connected to external
pull-up resistors (please refer to Figure 11). A device on
the I2C bus mustonlydrive a line to ground.The external
pull-up resistors (e.g. Rp=10 kΩ) are required to pull the
signal high. For dimensioning resistor sizes please take
bus capacityand communication frequencyinto account
(see for example Section 7.1 of NXPs I2C Manual for
more details11). It should be noted that pull-up resistors
may be included in I/O circuits of microcontrollers. It is
recommended to wire the sensor according to the
application circuit as shown in Figure 11.
Figure 11 Typical application circuit. Please note that the
positioning of the pins does not reflect the position on the
real sensor. This is shown in Table 6.
3.3
Die Pad (center pad)
The die pad or center pad is visible from below and
located in the center of the package. It is electrically
connected to VSS. Hence electrical considerations do
not impose constraints on the wiring of the die pad.
However, due to mechanical reasons itis recommended
to solder the center pad to the PCB. For more
information on design-in, please refer to the document
“SHTxx Design Guide”.
3.4
ADDR Pin
Through the appropriate wiring of the ADDR pin the I2C
address can be selected (see Table 7 for the respective
addresses). The ADDR pin can either be connected to
VDD or VSS, or it can be used as a selector pin. This
means that the address of the sensor can be changed
dynamically during operation by switching the level on
the ADDR pin.The onlyconstraintis that the level has to
stay constant starting from the I2C start condition until
the communication is finished. This allows to connect
more than two SHT3x-DIS onto the same bus. The
dynamical switching requires individual ADDR lines to
the sensors.
1
2
3
4
5
8
7
6
V
DD
RR
PP
ADDR(2)
ALERT(3)
die
pad
R(7)
SDA(1)
SCL(4)
VDD(5)
VSS(8)
nRESET(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com