Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138ARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8138ARZ-R7
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8138ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8138
Data Sheet
Rev. G | Page 10 of 24
FUNDAMENTAL FREQUENCY (MHz)
–50
–120
–90
–100
–110
–70
–80
–60
VOUT, dm = 2V p-p
RL = 800Ω
0
10
20
30
40
50
60
70
HD2 (VS = +5V)
HD2 (VS = ±5V)
HD3 (VS = ±5V)
HD3 (VS = +5V)
Figure 11. Harmonic Distortion vs. Frequency
FUNDAMENTAL FREQUENCY (MHz)
–40
–110
–80
–90
–100
–60
–70
–50
VOUT, dm = 4V p-p
RL = 800Ω
0
10
20
30
40
50
60
70
HD3 (VS = +5V)
HD2 (VS = +5V)
HD2 (VS = ±5V)
HD3 (VS = ±5V)
Figure 12. Harmonic Distortion vs. Frequency
–50
–90
–100
–70
–80
–60
–40
–30
HD2 (VS = +5V)
HD3 (VS = +5V)
HD3 (VS = ±5V)
VOUT, dm = 2V p-p
RL = 800Ω
FO = 20MHz
VOCM DC OUTPUT (V)
–4
–3
–2
–1
0
1
2
3
4
HD2 (VS = ±5V)
Figure 13. Harmonic Distortion vs. VOCM
0
6
–120
–90
–100
–110
–70
–80
–60
5
4
3
2
1
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
VS = ±5V
RL = 800Ω
HD3 (F = 20MHz)
HD2 (F = 20MHz)
HD2 (F = 5MHz)
HD3 (F = 5MHz)
Figure 14. Harmonic Distortion vs. Differential Output Voltage
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
–120
–90
–100
–110
–70
–80
–60
VS = 5V
RL = 800Ω
HD3 (F = 5MHz)
HD2 (F = 5MHz)
HD3 (F = 20MHz)
HD2 (F = 20MHz)
0
1
2
3
4
Figure 15. Harmonic Distortion vs. Differential Output Voltage
–90
–100
–110
–70
–80
–60
0.25
1.75
1.50
1.25
1.00
0.75
0.50
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
VS = 3V
RL = 800Ω
HD3 (F = 5MHz)
HD2 (F = 5MHz)
HD3 (F = 20MHz)
HD2 (F = 20MHz)
Figure 16. Harmonic Distortion vs. Differential Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com