Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8138ARZ-R7
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8138ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
AD8138
Rev. G | Page 13 of 24
FREQUENCY (MHz)
–20
–30
–40
–50
–60
–70
VIN = 2V p-p
VS = ±5V
VS = +5V
1
10
100
1k
Figure 29. Output Balance Error vs. Frequency (See Figure 41)
FREQUENCY (MHz)
–20
–30
–40
–50
–60
–70
–10
–80
–90
+PSRR
(VS = +5V, 0V AND ±5V)
–PSRR
(VS = ±5V)
ΔVOUT, dm/ΔVS
1
10
100
1k
Figure 30. PSRR vs. Frequency
FREQUENCY (MHz)
100
0.1
1
10
1
10
100
VS = ±5V
VS = +5V
SINGLE-ENDED OUTPUT
Figure 31. Output Impedance vs. Frequency
–5.0
–2.5
0
2.5
5.0
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
VS = +3V
VS = +5V
VS = ±5V
Figure 32. Output Referred Differential Offset Voltage vs. Temperature
2
4
5
1
3
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
VS = ±5V, +5V
VS = +3V
Figure 33. Input Bias Current vs. Temperature
10
5
15
20
25
30
TEMPERATURE (°C)
VS = ±5V
VS = +5V
VS = +3V
–40
–20
0
20
40
60
80
100
Figure 34. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com