Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8138ARZ-R7
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8138ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD8138
Data Sheet
Rev. G | Page 18 of 24
When using the AD8138 in gain configurations where RF/RG of
one feedback network is unequal to RF/RG of the other network,
there is a differential output noise due to input-referred voltage
in the VOCM circuitry. The output noise is defined in terms of
the following feedback terms (refer to Figure 42):
G
F
G
R
R
R
+
=
β
1
for −OUT to +IN loop, and
G
F
G
R
R
R
+
=
β
2
for +OUT to −IN loop. With these defined,
β
+
β
β
−
β
=
2
1
2
1
,
,
2
OCM
V
nIN
dm
nOUT
V
V
where VnOUT, dm is the output differential noise, and
COM
V
nIN
V ,
is
the input-referred voltage noise in VOCM.
THE IMPACT OF MISMATCHES IN THE FEEDBACK
NETWORKS
As previously mentioned, even if the external feedback
networks (RF/RG) are mismatched, the internal common-mode
feedback loop still forces the outputs to remain balanced. The
amplitudes of the signals at each output remains equal and 180°
out of phase. The input-to-output differential-mode gain varies
proportionately to the feedback mismatch, but the output
balance is unaffected.
Ratio matching errors in the external resistors result in a
degradation of the ability of the circuit to reject input common-
mode signals, much the same as for a four-resistor difference
amplifier made from a conventional op amp.
In addition, if the dc levels of the input and output common-
mode voltages are different, matching errors result in a small
differential-mode output offset voltage. For the G = 1 case, with
a ground referenced input signal and the output common-mode
level set for 2.5 V, an output offset of as much as 25 mV (1% of
the difference in common-mode levels) can result if 1% tolerance
resistors are used. Resistors of 1% tolerance result in a worst-
case input CMRR of about 40 dB, worst-case differential mode
output offset of 25 mV due to 2.5 V level-shift, and no significant
degradation in output balance error.
CALCULATING THE INPUT IMPEDANCE OF AN
APPLICATION
The effective input impedance of a circuit such as the one in
Figure 42, at +DIN and –DIN, depends on whether the amplifier is
being driven by a single-ended or differential signal source. For
balanced differential input signals, the input impedance (RIN, dm)
between the inputs (+DIN and −DIN) is simply
RIN, dm =2 × RG
In the case of a single-ended input signal (for example if −DIN is
grounded and the input signal is applied to +DIN), the input
impedance becomes
(
)
+
×
−
=
F
G
F
G
dm
IN
R
R
R
R
R
2
1
,
The input impedance of the circuit is effectively higher than it
would be for a conventional op amp connected as an inverter
because a fraction of the differential output voltage appears at
the inputs as a common-mode signal, partially bootstrapping
the voltage across the input resistor RG.
INPUT COMMON-MODE VOLTAGE RANGE IN
SINGLE-SUPPLY APPLICATIONS
The AD8138 is optimized for level-shifting, ground-referenced
input signals. For a single-ended input, this would imply, for
example, that the voltage at −DIN in Figure 42 would be 0 V
when the negative power supply voltage of the amplifier (at V−)
is also set to 0 V.
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The VOCM pin of the AD8138 is internally biased at a voltage
approximately equal to the midsupply point (average value of
the voltages on V+ and V−). Relying on this internal bias results
in an output common-mode voltage that is within about
100 mV of the expected value.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external
source, or resistor divider (made up of 10 kΩ resistors), be used.
The output common-mode offset listed in the Specifications
section assumes the VOCM input is driven by a low impedance
voltage source.
DRIVING A CAPACITIVE LOAD
A purely capacitive load can react with the pin and bondwire
inductance of the AD8138, resulting in high frequency ringing
in the pulse response. One way to minimize this effect is to
place a small capacitor across each of the feedback resistors. The
added capacitance should be small to avoid destabilizing the
amplifier. An alternative technique is to place a small resistor in
series with the outputs of the amplifier, as shown in Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com