Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8138ARZ-R7
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8138ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD8138
Data Sheet
Rev. G | Page 14 of 24
FREQUENCY (MHz)
–9
0
–6
–3
3
6
VS = +5V
VS = ±5V
1
10
100
1k
Figure 35. VOCM Frequency Response
5ns
400mV
VOUT, cm
VS = ±5V
VOCM = –1V TO +1V
Figure 36. VOCM Transient Response
FREQUENCY (Hz)
100
1
10
1.1pA/ Hz
100
10
1k
10k
100k
1M
Figure 37. Current Noise (RTI)
FREQUENCY (Hz)
100
1
10
1000
5.7nV/ Hz
10
100
1k
10k
100k
1M
Figure 38. Voltage Noise (RTI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com