Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138ARZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8138ARZ-R7
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8138ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD8138
Data Sheet
Rev. G | Page 20 of 24
BALANCED TRANSFORMER DRIVER
Transformers are among the oldest devices used to perform a
single-ended-to-differential conversion (and vice versa). Trans-
formers can also perform the additional functions of galvanic
isolation, step-up or step-down of voltages, and impedance
transformation. For these reasons, transformers always find
uses in certain applications.
However, when driving the transformer in a single-ended
manner, there is an imbalance at the output due to the parasitics
inherent in the transformer. The primary (or driven) side of the
transformer has one side at dc potential (usually ground), while
the other side is driven. This can cause problems in systems that
require good balance of the differential output signals of the
transformer.
If the interwinding capacitance (CSTRAY) is assumed to be
uniformly distributed, a signal from the driving source couples
to the secondary output terminal that is closest to the driven
side of the primary. On the other hand, no signal is coupled to
the opposite terminal of the secondary because its nearest
primary terminal is not driven (see Figure 43). The exact
amount of this imbalance depends on the particular parasitics
of the trans-former, but is mostly a problem at higher
frequencies.
The balance of a differential circuit can be measured by
connecting an equal-valued resistive voltage divider across the
differential outputs and then measuring the center point of the
circuit with respect to ground. Since the two differential outputs
are supposed to be of equal amplitude, but 180° opposite phase,
there should be no signal present for perfectly balanced outputs.
The circuit in Figure 43 shows a Mini-Circuits® T1-6T
transformer connected with its primary driven single-endedly
and the secondary connected with a precision voltage divider
across its terminals. The voltage divider is made up of two
500 Ω, 0.005% precision resistors. The voltage VUNBAL, which is
also equal to the ac common-mode voltage, is a measure of how
closely the outputs are balanced.
Figure 45 compares the transformer being driven single-
endedly by a signal generator and being driven differentially
using an AD8138. The top signal trace of Figure 45 shows the
balance of the single-ended configuration, while the bottom
shows the differentially driven balance response. The 100 MHz
balance is 35 dB better when using the AD8138.
The well-balanced outputs of the AD8138 provide a drive signal
to each of the primary inputs of the transformer that are of
equal amplitude and 180° out of phase. Therefore, depending
on how the polarity of the secondary is connected, the signals
that conduct across the interwinding capacitance either both
assist the secondary signal of the transformer equally, or both
buck the secondary signals. In either case, the parasitic effect is
symmetrical and provides a well-balanced transformer output
(see Figure 45).
PRIMARY
CSTRAY
CSTRAY
52.3
Ω
SECONDARY VDIFF
500
Ω
0.005%
500
Ω
0.005%
VUNBAL
SIGNAL IS COUPLED
ON THIS SIDE VIA CSTRAY
NO SIGNAL IS COUPLED
ON THIS SIDE
Figure 43. Transformer Single-Ended-to-Differential Converter Is Inherently
Imbalanced
VDIFF
VUNBAL
AD8138
+IN
–IN
OUT+
OUT–
499
Ω
499
Ω
499
Ω
499
Ω
49.9
Ω
49.9
Ω
500
Ω
0.005%
500
Ω
0.005%
CSTRAY
CSTRAY
Figure 44. AD8138 Forms a Balanced Transformer Driver
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
0.3
1
10
100
500
VUNBAL, DIFFERENTIAL DRIVE
VUNBAL, FOR TRANSFORMER
WITH SINGLE-ENDED DRIVE
Figure 45. Output Balance Error for Circuits of Figure 43 and Figure 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com