Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138ARZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8138ARZ-R7
Description  Low Distortion, Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8138ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8138ARZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
AD8138
Rev. G | Page 19 of 24
LAYOUT, GROUNDING, AND BYPASSING
As a high speed device, the AD8138 is sensitive to the PCB
environment in which it has to operate. Realizing its superior
specifications requires attention to various details of good high
speed PCB design.
The first requirement is for a good solid ground plane that
covers as much of the board area around the AD8138 as
possible. The only exception to this is that the two input pins
(Pin 1 and Pin 8) should be kept a few millimeters from the
ground plane, and ground should be removed from inner layers
and the opposite side of the board under the input pins. This
minimizes the stray capacitance on these nodes and helps
preserve the gain flatness vs. frequency.
The power supply pins should be bypassed as close as possible
to the device to the nearby ground plane. Good high frequency
ceramic chip capacitors should be used. This bypassing should
be done with a capacitance value of 0.01 µF to 0.1 µF for each
supply. Further away, low frequency bypassing should be provided
with 10 µF tantalum capacitors from each supply to ground.
The signal routing should be short and direct to avoid parasitic
effects. Wherever there are complementary signals, a symmetrical
layout should be provided to the extent possible to maximize
the balance performance. When running differential signals
over a long distance, the traces on the PCB should be close
together or any differential wiring should be twisted together to
minimize the area of the loop that is formed. This reduces the
radiated energy and makes the circuit less susceptible to
interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com